Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
35
Pinout Listings
7
Pinout Listings
Table 15 provides the pinout listing for the MPC7445, 360 CBGA package. Table 16 provides the pinout listing for
the MPC7455, 483 CBGA package.
NOTE
This pinout is not compatible with the MPC750, MPC7400, or MPC7410, 360
BGA package.
Table 15. Pinout Listing for the MPC7445, 360 CBGA Package
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes
A[0:35]
E11, H1, C11, G3, F10, L2, D11, D1, C10,
G2, D12, L3, G4, T2, F4, V1, J4, R2, K5,
W2, J2, K4, N4, J3, M5, P5, N3, T1, V2,
U1, N5, W1, B12, C4, G10, B11
High
I/O
BVSEL
11
AACK
R1
Low
Input
BVSEL
AP[0:4]
C1, E3, H6, F5, G7
High
I/O
BVSEL
ARTRY
N2
Low
I/O
BVSEL
8
AVDD
A8
—
Input
N/A
BG
M1
Low
Input
BVSEL
BMODE0
G9
Low
Input
BVSEL
5
BMODE1
F8
Low
Input
BVSEL
6
BR
D2
Low
Output
BVSEL
BVSEL
B7
High
Input
BVSEL
1, 7
CI
J1
Low
Output
BVSEL
8
CKSTP_IN
A3
Low
Input
BVSEL
CKSTP_OUT
B1
Low
Output
BVSEL
CLK_OUT
H2
High
Output
BVSEL
D[0:63]
R15, W15, T14, V16, W16, T15, U15,
P14, V13, W13, T13, P13, U14, W14,
R12, T12, W12, V12, N11, N10, R11, U11,
W11, T11, R10, N9, P10, U10, R9, W10,
U9, V9, W5, U6, T5, U5, W7, R6, P7, V6,
P17, R19, V18, R18, V19, T19, U19, W19,
U18, W17, W18, T16, T18, T17, W3, V17,
U4, U8, U7, R7, P6, R8, W8, T8
High
I/O
BVSEL
DBG
M2
Low
Input
BVSEL
DP[0:7]
T3, W4, T4, W9, M6, V3, N8, W6
High
I/O
BVSEL
DRDY
R3
Low
Output
BVSEL
4
DTI[0:3]
G1, K1, P1, N1
High
Input
BVSEL
13
EXT_QUAL
A11
High
Input
BVSEL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com