Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
44
Freescale Semiconductor
Package Description
8.5 Mechanical Dimensions for the MPC7455, 483 CBGA
Figure 22 provides the mechanical dimensions and bottom surface nomenclature for the MPC7455, 483 CBGA
package.
Figure 22. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7455,
483 CBGA Package
0.2
2X
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN MILLIMETERS.
3. TOP SIDE A1 CORNER INDEX IS A
METALIZED FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE. A1 CORNER
IS DESIGNATED WITH A BALL
MISSING FROM THE ARRAY.
D
A1 CORNER
E
e
0.2
2X
C
B
1 23456789 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
A1
A2
A
0.15 A
171819
U
W
V
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
--
0.60
b
0.82
0.93
D
29.00 BSC
D1
—
11.6
D2
8.94
—
D3
—
7.1
D4
12.15
12.45
e
1.27 BSC
E
29.00 BSC
E1
—
11.6
E2
8.94
—
E3
—
6.9
E4
8.75
9.20
C
A
483X
B
0.3
A
0.15
b
2021 22
Y
AA
AB
Capacitor Region
D1
D3
E1
E3
D2
E2
A3
D4
E4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com