Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC7455 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
5
Features
— Retires as many as three instructions per clock cycle
•
Separate on-chip L1 instruction and data caches (Harvard architecture)
— 32-Kbyte, eight-way set-associative instruction and data caches
— Pseudo least-recently-used (PLRU) replacement algorithm
— 32-byte (eight-word) L1 cache block
— Physically indexed/physical tags
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— Instruction cache can provide four instructions per clock cycle; data cache can provide four words per
clock cycle
— Caches can be disabled in software
— Caches can be locked in software
— MESI data cache coherency maintained in hardware
— Separate copy of data cache tags for efficient snooping
— Parity support on cache and tags
— No snooping of instruction cache except for icbi instruction
— Data cache supports AltiVec LRU and transient instructions
— Critical double- and/or quad-word forwarding is performed as needed. Critical quad-word forwarding
is used for AltiVec loads and instruction fetches. Other accesses use critical double-word forwarding.
•
Level 2 (L2) cache interface
— On-chip, 256-Kbyte, eight-way set-associative unified instruction and data cache
— Fully pipelined to provide 32 bytes per clock cycle to the L1 caches
— A total nine-cycle load latency for an L1 data cache miss that hits in L2
— PLRU replacement algorithm
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— 64-byte, two-sectored line size
— Parity support on cache
•
Level 3 (L3) cache interface (not implemented on MPC7445)
— Provides critical double-word forwarding to the requesting unit
— Internal L3 cache controller and tags
— External data SRAMs
— Support for 1- and 2-Mbyte L3 caches
— Cache write-back or write-through operation programmable on a per-page or per-block basis
— 64-byte (1M) or 128-byte (2M) sectored line size
— Private memory capability for half (1-Mbyte minimum) or all of the L3 SRAM space
— Supports MSUG2 dual data rate (DDR) synchronous Burst SRAMs, PB2 pipelined synchronous Burst
SRAMs, and pipelined (register-register) late write synchronous Burst SRAMs
— Supports parity on cache and tags
— Configurable core-to-L3 frequency divisors
— 64-bit external L3 data bus sustains 64 bits per L3 clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com