Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
15
Electrical and Thermal Characteristics
5.2 AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC7455. After fabrication, functional parts are
sorted by maximum processor core frequency as shown in Section 5.2.1, “Clock AC Specifications,” and tested for
conformance to the AC specifications for that frequency. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0:4] signals. Parts are sold by maximum processor core
frequency; see Section 11, “Ordering Information.”
5.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 3.
Typical
7.6
7.6
7.6
7.6
W
1, 3
Deep Sleep Mode (PLL Disabled)
Typical
7.3
7.3
7.3
7.3
W
1, 3
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power (OVDD
and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <5% of VDD
power. Worst case power consumption for AVDD < 3 mW.
2. Maximum power is measured at nominal VDD (see Table 4) while running an entirely cache-resident, contrived
sequence of instructions which keep the execution units, with or without AltiVec, maximally busy.
3. Typical power is an average value measured at the nominal recommended VDD (see Table 4) and 65°C in a system
while running a typical code sequence.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep mode.
As a result, power consumption for this mode is not tested.
Table 8. Clock AC Timing Specifications
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
733 MHz
867 MHz
933 MHz
1 GHz
Min
Max
Min
Max
Min
Max
Min
Max
Processor frequency
fcore
500
733
500
867
500
933
500
1000
MHz
1
VCO frequency
fVCO
1000
1466
1000
1734
1000
1866
1000
2000
MHz
1
SYSCLK frequency
fSYSCLK
33
133
33
133
33
133
33
133
MHz
1
SYSCLK cycle time
tSYSCLK
7.5
30
7.5
30
7.5
30
7.5
30
ns
SYSCLK rise and fall time
tKR, tKF
—1.0
—1.0
—1.0
—1.0
ns
2
SYSCLK duty cycle
measured at OVDD/2
tKHKL/
tSYSCLK
40
60
40
60
40
60
40
60
%
3
Table 7. Power Consumption for MPC7455 (continued)
Processor (CPU) Frequency
Unit
Notes
733 MHz
867 MHz
933 MHz
1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com