Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
30
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 12 shows the L3 bus timing diagrams for the MPC7455 interfaced to PB2 or late write SRAMs.
Figure 12. L3 Bus Timing Diagrams for Late Write or PB2 SRAMs
5.2.5
IEEE 1149.1 AC Timing Specifications
Table 14 provides the IEEE 1149.1 (JTAG) AC timing specifications as defined in Figure 14 through Figure 17.
Table 14. JTAG AC Timing Specifications (Independent of SYSCLK) 1
At recommended operating conditions. See Table 4.
Parameter
Symbol
Min
Max
Unit
Notes
TCK frequency of operation
fTCLK
0
33.3
MHz
TCK cycle time
t TCLK
30
—
ns
TCK clock pulse width measured at 1.4 V
tJHJL
15
—
ns
TCK rise and fall times
tJR and tJF
02
ns
TRST assert time
tTRST
25
—
ns
2
Input setup times:
Boundary-scan data
TMS, TDI
tDVJH
tIVJH
4
0
—
—
ns
3
Input hold times:
Boundary-scan data
TMS, TDI
tDXJH
tIXJH
20
25
—
—
ns
3
L3_ECHO_CLK[0,2]
L3 Data and Data
VM
VM = Midpoint Voltage (GVDD/2)
tL3DVEH
tL3DXEH
Parity Inputs
L3_CLK[0,1]
ADDR, L3_CNTL
VM
tL3CHOV
tL3CHOX
VM
L3DATA WRITE
tL3CHDZ
Outputs
Inputs
L3_ECHO_CLK[1,3]
tL3CHDV
tL3CHDX
tL3CHOZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com