Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
7
Comparison with the MPC7400, MPC7410, MPC7450, MPC7451, and MPC7441
•
Performance monitor can be used to help debug system designs and improve software efficiency
•
In-system testability and debugging features through JTAG boundary-scan capability
•
Testability
— LSSD scan design
— IEEE 1149.1 JTAG interface
— Array built-in self test (ABIST)—factory test only
•
Reliability and serviceability
— Parity checking on system bus and L3 cache bus
— Parity checking on the L2 and L3 cache tag arrays
3
Comparison with the MPC7400, MPC7410, MPC7450,
MPC7451, and MPC7441
Table 1 compares the key features of the MPC7455 with the key features of the earlier MPC7400, MPC7410,
MPC7450, MPC7451, and MPC7441. To achieve a higher frequency, the number of logic levels per cycle is
reduced. Also, to achieve this higher frequency, the pipeline of the MPC7455 is extended (compared to the
MPC7400), while maintaining the same level of performance as measured by the number of instructions executed
per cycle (IPC).
Table 1. Microarchitecture Comparison
Microarchitectural Specs
MPC7455/MPC7445
MPC7450/MPC7451/
MPC7441
MPC7400/MPC7410
Basic Pipeline Functions
Logic inversions per cycle
18
18
28
Pipeline stages up to execute
5
5
3
Total pipeline stages (minimum)
7
7
4
Pipeline maximum instruction
throughput
3 + Branch
3 + Branch
2 + Branch
Pipeline Resources
Instruction buffer size
12
12
6
Completion buffer size
16
16
8
Renames (integer, float, vector)
16, 16, 16
16, 16, 16
6, 6, 6
Maximum Execution Throughput
SFX
332
Vector
2 (Any 2 of 4 Units)
2 (Any 2 of 4 Units)
2 (Permute/Fixed)
Scalar floating-point
1
1
1
Out-of-Order Window Size in Execution Queues
SFX integer units
1 Entry
× 3 Queues
1 Entry
× 3 Queues
1 Entry
× 2 Queues
Vector units
In Order, 4 Queues
In Order, 4 Queues
In Order, 2 Queues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com