Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 64Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
61
Ordering Information
fully conform to the specifications of this document. These special part numbers require an additional document
called a part number specification.
11.1 Part Numbers Fully Addressed by This Document
Table 21 provides the Freescale part numbering nomenclature for the MPC7455.
11.2 Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are described
in separate part number specifications which supplement and supersede this document; see Table 22 through
Table 25.
Table 21. Part Numbering Nomenclature
xx
74
x5
x
RX
nnnn
x
x
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency 1
Application
Modifier
Revision Level
XC 2
7455
7445
ARX = CBGA
733
867
933
1000
L: 1.3 V ± 50 mV
0 to 105
°C
F: 3.3; PVR = 8001 0303
MC
G: 3.4; PVR = 8001 0304
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by part
number specifications may support other maximum core frequencies.
2. The X prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP
3-13. These are from a limited production volume of prototypes manufactured, tested, and Q.A. inspected on a
qualified technology to simulate normal production. These parts have only preliminary reliability and
characterization data. Before pilot production prototypes may be shipped, written authorization from the customer
must be on file in the applicable sales office acknowledging the qualification status and the fact that product changes
may still occur while shipping pilot production prototypes.
Table 22. Part Numbers Addressed by XPC74
x5RXnnnLC Series Part Number Specification (Document
Order No. MPC7455RXLCPNS)
XPC
74
x5
RX
nnn
L
C
Product
Code
Part
Identifier
Package
Processor
Frequency
Application Modifier
Revision Level
XPC
7455
7445
RX = CBGA
600
733
800
867
933
L: 1.6 V ± 50 mV
0 to 105
°C
C: 2.1; PVR = 8001 0201
PPC
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com