Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
43
Package Description
8.3 Substrate Capacitors for the MPC7445, 360 CBGA
Figure 21 shows the connectivity of the substrate capacitor pads for the MPC7445, 360 CBGA. All capacitors are
100 nF.
Figure 21. Substrate Bypass Capacitors for the MPC7445, 360 CBGA
8.4 Package Parameters for the MPC7455, 483 CBGA
The package parameters are as provided in the following list. The package type is 29
× 29 mm, 483-lead ceramic
ball grid array (CBGA).
Package outline
29
× 29 mm
Interconnects
483 (22
× 22 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
—
Maximum module height
3.22 mm
Ball diameter
0.89 mm (35 mil)
Capacitor
Pad Number
-1
-2
C1
OVDD
GND
C2
VDD
GND
C3
OVDD
GND
C4
VDD
GND
C5
OVDD
GND
C6
VDD
GND
C3-1
C3-2
C2-2
C1-2
C1-1
C2-1
A1 Corner
C4-1
C4-2
C5-2
C6-2
C6-1
C5-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com