Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
37
Pinout Listings
TBEN
E1
High
Input
BVSEL
TBST
F11
Low
Output
BVSEL
TCK
C6
High
Input
BVSEL
TDI
B9
High
Input
BVSEL
7
TDO
A4
High
Output
BVSEL
TEA
L1
Low
Input
BVSEL
TEST[0:3]
A12, B6, B10, E10
—
Input
BVSEL
2
TEST[4]
D10
—
Input
BVSEL
9
TMS
F1
High
Input
BVSEL
7
TRST
A5
Low
Input
BVSEL
7, 14
TS
L4
Low
I/O
BVSEL
8
TSIZ[0:2]
G6, F7, E7
High
Output
BVSEL
TT[0:4]
E5, E6, F6, E9, C5
High
I/O
BVSEL
WT
D3
Low
Output
BVSEL
8
VDD
H8, H10, H12, J7, J9, J11, J13, K8, K10,
K12, K14, L7, L9, L11, L13, M8, M10, M12
——
N/A
Notes:
1. OVDD supplies power to the processor bus, JTAG, and all control signals; and VDD supplies power to the processor
core and the PLL (after filtering to become AVDD). To program the I/O voltage, connect BVSEL to either GND
(selects 1.8 V) or to HRESET (selects 2.5 V). If used, the pulldown resistor should be less than 250
Ω. For actual
recommended value of Vin or supply voltages see Table 4.
2. These input signals are for factory use only and must be pulled up to OVDD for normal machine operation.
3. These signals are for factory use only and must be left unconnected for normal machine operation.
4. Ignored in 60x bus mode.
5. This signal selects between MPX bus mode (asserted) and 60x bus mode (negated) and will be sampled at
HRESET going high.
6. This signal must be negated during reset, by pull-up to OVDD or negation by ¬HRESET (inverse of HRESET), to
ensure proper operation.
7. Internal pull-up on die.
8. These pins require weak pull-up resistors (for example, 4.7 k
Ω) to maintain the control signals in the negated state
after they have been actively negated and released by the MPC7445 and other bus masters.
9. These input signals are for factory use only and must be pulled down to GND for normal machine operation.
10.This pin can externally cause a performance monitor event. Counting of the event is enabled via software.
11.Unused address pins must be pulled down to GND.
12.This test signal is recommended to be tied to HRESET; however, other configurations will not adversely affect
performance.
13.These signals must be pulled down to GND if unused, or if the MPC7445 is in 60x bus mode.
14.This signal must be asserted during reset, by pull-down to GND or assertion by HRESET, to ensure proper
operation.
Table 15. Pinout Listing for the MPC7445, 360 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com