Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7455.
Figure 2. Overshoot/Undershoot Voltage
The MPC7455 provides several I/O voltages to support both compatibility with existing systems and migration to
future systems. The MPC7455 core voltage must always be provided at nominal 1.3 V (see Table 4 for actual
recommended core voltage). Voltage to the L3 I/Os and processor interface I/Os are provided through separate sets
of supply pins and may be provided at the voltages shown in Table 3. The input voltage threshold for each bus is
selected by sampling the state of the voltage select pins at the negation of the signal HRESET. The output voltage
will swing from GND to the maximum voltage applied to the OVDD or GVDD power pins.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input
Threshold is Relative to:
L3VSEL Signal 5
L3 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
1, 4
¬HRESET
Not Available
¬HRESET
1.5 V
1, 3
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
2.5 V
1
2.5 V
1
Notes:
1. Caution: The input threshold selection must agree with the OVDD/GVDD voltages supplied. See notes in Table 2.
2. To select the 2.5-V threshold option for the processor bus, BVSEL should be tied to HRESET so that the two signals
change state together. Similarly, to select 2.5 V for the L3 bus, tie L3VSEL to HRESET. This is the preferred method
for selecting this mode of operation.
3. Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
4. If used, pulldown resistors should be less than 250
Ω.
5. Not implemented on MPC7445.
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
OVDD/GVDD + 20%
VIL
OVDD/GVDD
OVDD/GVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com