Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
12
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 4 provides the recommended operating conditions for the MPC7455.
Table 4. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
Min
Max
Core supply voltage
VDD
1.3 V ± 50 mV
V
PLL supply voltage
AVDD
1.3 V ± 50 mV
V
2
Processor bus supply voltage
BVSEL = 0
OVDD
1.8 V ± 5%
V
BVSEL = HRESET or OVDD
OVDD
2.5 V ± 5%
V
L3 bus supply voltage
L3VSEL = 0
GVDD
1.8 V ± 5%
V
L3VSEL = HRESET or GVDD
GVDD
2.5 V ± 5%
V
L3VSEL = ¬HRESET
GVDD
1.5 V ± 5%
V
Input voltage
Processor bus
Vin
GND
OVDD
V
L3 bus
Vin
GND
GVDD
V
JTAG signals
Vin
GND
OVDD
V
Die-junction temperature
Tj
0105
°C
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these conditions
is not guaranteed.
2. This voltage is the input to the filter discussed in Section 9.2, “PLL Power Supply Filtering,” and not necessarily the
voltage at the AVDD pin which may be reduced from VDD by the filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com