Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
56
Freescale Semiconductor
System Design Information
interface thermal resistance. That is, the bare joint results in a thermal resistance approximately seven times greater
than the thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board (see
Figure 27). Therefore, the synthetic grease offers the best thermal performance, considering the low interface
pressure and is recommended due to the high power dissipation of the MPC7455. Of course, the selection of any
thermal interface material depends on many factors—thermal performance requirements, manufacturability, service
temperature, dielectric properties, cost, etc.
Figure 29. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interface. Heat sink adhesive materials should be
selected based on high conductivity, yet adequate mechanical strength to meet equipment shock/vibration
requirements. There are several commercially available thermal interfaces and adhesive materials provided by the
following vendors:
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
Chomerics, Inc.
781-935-4850
77 Dragon Ct.
Woburn, MA 01888-4014
Internet: www.chomerics.com
0
0.5
1
1.5
2
0
1020
30
40
50607080
Silicone Sheet (0.006 in.)
Bare Joint
Floroether Oil Sheet (0.007 in.)
Graphite/Oil Sheet (0.005 in.)
Synthetic Grease
Contact Pressure (psi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com