Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC7455 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
4
Freescale Semiconductor
Features
– Thirty-two 64-bit FPRs for single- or double-precision operands
— Four vector units and 32-entry vector register file (VRs)
– Vector permute unit (VPU)
– Vector integer unit 1 (VIU1) handles short-latency AltiVec™ integer instructions, such as vector add
instructions (vaddsbs, vaddshs, and vaddsws, for example)
– Vector integer unit 2 (VIU2) handles longer-latency AltiVec integer instructions, such as vector
multiply add instructions (vmhaddshs, vmhraddshs, and vmladduhm, for example)
– Vector floating-point unit (VFPU)
— Three-stage load/store unit (LSU)
– Supports integer, floating-point, and vector instruction load/store traffic
– Four-entry vector touch queue (VTQ) supports all four architected AltiVec data stream operations
– Three-cycle GPR and AltiVec load latency (byte, half-word, word, vector) with one-cycle
throughput
– Four-cycle FPR load latency (single, double) with one-cycle throughput
– No additional delay for misaligned access within double-word boundary
– Dedicated adder calculates effective addresses (EAs)
– Supports store gathering
– Performs alignment, normalization, and precision conversion for floating-point data
– Executes cache control and TLB instructions
– Performs alignment, zero padding, and sign extension for integer data
– Supports hits under misses (multiple outstanding misses)
– Supports both big- and little-endian modes, including misaligned little-endian accesses
•
Three issue queues FIQ, VIQ, and GIQ can accept as many as one, two, and three instructions, respectively,
in a cycle. Instruction dispatch requires the following:
— Instructions can be dispatched only from the three lowest IQ entries—IQ0, IQ1, and IQ2
— A maximum of three instructions can be dispatched to the issue queues per clock cycle
— Space must be available in the CQ for an instruction to dispatch (this includes instructions that are
assigned a space in the CQ but not in an issue queue)
•
Rename buffers
— 16 GPR rename buffers
— 16 FPR rename buffers
— 16 VR rename buffers
•
Dispatch unit
— Decode/dispatch stage fully decodes each instruction
•
Completion unit
— The completion unit retires an instruction from the 16-entry completion queue (CQ) when all
instructions ahead of it have been completed, the instruction has finished execution, and no exceptions
are pending.
— Guarantees sequential programming model (precise exception model)
— Monitors all dispatched instructions and retires them in order
— Tracks unresolved branches and flushes instructions after a mispredicted branch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com