Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7455 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC7455
Description  RISC Microprocessor Hardware Specifications
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7455 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC7455 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7455 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
MPC7455 RISC Microprocessor Hardware Specifications, Rev. 4.1
52
Freescale Semiconductor
System Design Information
If address or data parity is not used by the system, and the respective parity checking is disabled through HID0, the
input receivers for those pins are disabled, and those pins do not require pull-up resistors and should be left
unconnected by the system. If all parity generation is disabled through HID0, then all parity checking should also
be disabled through HID0, and all parity pins may be left unconnected by the system.
The L3 interface does not normally require pull-up resistors.
9.7 JTAG Configuration Signals
Boundary-scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the IEEE
1149.1 specification, but is provided on all processors that implement the PowerPC architecture. While it is possible
to force the TAP controller to the reset state using only the TCK and TMS signals, more reliable power-on reset
performance will be obtained if the TRST signal is asserted during power-on reset. Because the JTAG interface is
also used for accessing the common on-chip processor (COP) function, simply tying TRST to HRESET is not
practical.
The COP function of these processors allows a remote computer system (typically, a PC with dedicated hardware
and debugging software) to access and control the internal operations of the processor. The COP interface connects
primarily through the JTAG port of the processor, with some additional status monitoring signals. The COP port
requires the ability to independently assert HRESET or TRST in order to fully control the processor. If the target
system has independent reset sources, such as voltage monitors, watchdog timers, power supply failures, or
push-button switches, then the COP reset signals must be merged into these signals with logic.
The arrangement shown in Figure 26 allows the COP port to independently assert HRESET or TRST, while ensuring
that the target can drive HRESET as well. If the JTAG interface and COP header will not be used, TRST should be
tied to HRESET through a 0-
Ω isolation resistor so that it is asserted when the system reset signal (HRESET) is
asserted, ensuring that the JTAG scan chain is initialized during power-on. While Freescale recommends that the
COP header be designed into the system as shown in Figure 26, if this is not possible, the isolation resistor will allow
future access to TRST in the case where a JTAG interface may need to be wired onto the system in debug situations.
The COP header shown in Figure 26 adds many benefits—breakpoints, watchpoints, register and memory
examination/modification, and other standard debugger features are possible through this interface—and can be as
inexpensive as an unpopulated footprint for a header to be added when needed.
The COP interface has a standard header for connection to the target system, based on the 0.025" square-post, 0.100"
centered header assembly (often called a Berg header). The connector typically has pin 14 removed as a connector
key.
There is no standardized way to number the COP header shown in Figure 26; consequently, many different pin
numbers have been observed from emulator vendors. Some are numbered top-to-bottom then left-to-right, while
others use left-to-right then top-to-bottom, while still others number the pins counter clockwise from pin 1 (as with
an IC). Regardless of the numbering, the signal placement recommended in Figure 26 is common to all known
emulators.
The QACK signal shown in Figure 26 is usually connected to the PCI bridge chip in a system and is an input to the
MPC7455 informing it that it can go into the quiescent state. Under normal operation this occurs during a low-power
mode selection. In order for COP to work, the MPC7455 must see this signal asserted (pulled down). While shown
on the COP header, not all emulator products drive this signal. If the product does not, a pull-down resistor can be
populated to assert this signal. Additionally, some emulator products implement open-drain type outputs and can
only drive QACK asserted; for these tools, a pull-up resistor can be implemented to ensure this signal is de-asserted
when it is not being driven by the tool. Note that the pull-up and pull-down resistors on the QACK signal are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com