Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 69 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 69 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 73Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 160 page
background image
Version 2.2
69
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Active Command to Power-Down Entry
Precharge/Precharge all Command to Power-Down Entry
MRS Command to Power-Down Entry
T0
T1
T2
T3
Ta0
Ta1
CK
CK
Active
NOP
NOP
Valid
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
Valid
tPD
Valid
Valid
tACTPDEN
Address
T0
T1
T2
T3
Ta0
Ta1
CK
CK
PRE
PREA
NOP
NOP
Valid
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
Valid
tPD
Valid
Valid
tPREPDEN
Address
T0
T1
Ta0
Ta1
Tb0
Tb1
CK
CK
NOP
NOP
Valid
CMD
CKE
Do not
care
Time
Break
NOP
tIS
tCPDED
Valid
tPD
Valid
tMRSPDEN
Address
MRS
Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com