Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 25 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 25 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 27Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 28Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 29Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 160 page
background image
Version 2.2
25
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
CAS Write Latency (CWL)
The CAS Write Latency is defined by MR2 (bits A3-A5) shown in MR2. CAS Write Latency is the delay, in clock cycles,
between the internal Write command and the availability of the first bit of input data. DDR3(L) DRAM does not support any
half clock latencies. The overall Write Latency (WL) is defined as Additive Latency (AL) + CAS Write Latency (CWL);
WL=AL+CWL.
Auto Self-Refresh (ASR) and Self-Refresh Temperature (SRT)
DDR3(L) SDRAM must support Self-Refresh operation at all supported temperatures. Applications requiring Self-Refresh
operation in the Extended Temperature Range must use the ASR function or program the SRT bit appropriately.
Optional in DDR3(L) SDRAM: Users should refer to the DRAM supplier data sheet and/or the DIMM SPD to determine if
DDR3(L) SDRAM devices support the following options or requirements referred to in this material. For more details refer to
“Extended Temperature Usage”. DDR3(L) SDRAMs must support Self-Refresh operation at all supported temperatures.
Applications requiring Self-Refresh operation in the Extended Temperature Range must use the optional ASR function or
program the SRT bit appropriately.
Dynamic ODT (Rtt_WR)
DDR3(L) SDRAM intro
duces a new feature “Dynamic ODT”. In certain application cases and to further enhance signal
integrity on the data bus, it is desirable that the termination strength of the DDR3(L) SDRAM can be changed without
issuing an MRS command. MR2 Register locations A9 and A10 configure the Dynamic ODT settings. In Write leveling
mode, only RTT_Nom is available. For details on Dynamic ODT operation, refer to “Dynamic ODT”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com