Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 71 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 71 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 70Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 71Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 75Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 160 page
background image
Version 2.2
71
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Synchronous ODT Mode
Synchronous ODT mode is selected whenever the DLL is turned on and locked. Based on the power-down definition, these
modes are:
Any bank active with CKE high
Refresh with CKE high
Idle mode with CKE high
Active power down mode (regardless of MR0 bit A12)
Precharge power down mode if DLL is enabled during precharge power down by MR0 bit A12
The direct ODT feature is not supported during DLL-off mode. The on-die termination resistors must be disabled by continu-
ously registering the ODT pin low and/or by programming the RTT_Nom bits MR1{A9,A6,A2} to {0,0,0} via a mode register
set command during DLL-off mode.
In synchronous ODT mode, RTT will be turned on ODTLon clock cycles after ODT is sampled high by a rising clock edge
and turned off ODTLoff clock cycles after ODT is registered low by a rising clock edge. The ODT latency is tied to the write
latency (WL) by: ODTLonn = WL - 2; ODTLoff = WL-2.
ODT Latency and Posted ODT
In synchronous ODT Mode, the Additive Latency (AL) programmed into the Mode Register (MR1) also applies to the ODT
signal. The DRAM internal ODT signal is delayed for a number of clock cycles defined by the Additive Latency (AL) relative
to the external ODT signal. ODTLon = CWL + AL - 2; ODTLoff = CWL + AL - 2. For details, refer to DDR3(L) SDRAM
latency definitions.
ODT Latency
Symbol
Parameter
DDR3-1600
Unit
ODTLon
ODT turn on Latency
WL - 2 = CWL + AL - 2
tCK
ODTLoff
ODT turn off Latency
WL - 2 = CWL + AL - 2
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com