Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 51 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 51 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 47Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 48Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 49Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 50Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 51Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 52Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 53Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 54Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 55Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 160 page
background image
Version 2.2
51
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Read Timing; Data Strobe to Data Relationship
The Data Strobe to Data relationship is shown in the following figure and is applied when the DLL is enabled and locked.
Rising data strobe edge parameters:
• tDQSQ describes the latest valid transition of the associated DQ pins.
• tQH describes the earliest invalid transition of the associated DQ pins.
Falling data strobe edge parameters:
• tDQSQ describes the latest valid transition of the associated DQ pins.
• tQH describes the earliest invalid transition of the associated DQ pins.
• tDQSQ; both rising/falling edges of DQS, no tAC defined
Data Strobe to Data Relationship
Notes:
1. BL = 8, RL = 5 (AL = 0, CL = 5)
2. DOUT n = data-out from column n.
3. NOP commands are shown for ease of illustration; other commands may be valid at these times.
4. BL8 setting activated by either MR0[A1:0 = 00] or MR0[A1:0 = 01] and A12 = 1 during READ command at T0.
5. Output timings are referenced to VDDQ/2, and DLL on for locking.
6. tDQSQ defines the skew between DQS,
 to Data and does not define DQS,  to Clock.
7. Early Data transitions may not always happen at the same DQ. Data transitions of a DQ can vary (either early or late) within a burst.
Dout
n +6
Dout
n +7
tRPST
CK
CK
T0
T1
T3
T5
T6
T7
T9
DQS, DQS
T2
T4
T8
READ
NOP
CMD
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Bank
Col n
Address
Dout
n +1
Dout
n +2
Dout
n +3
Dout
n +4
Dout
n +5
DQ (Last data valid)
RL = AL + CL
tRPRE
Dout
n +6
Dout
n +7
Dout
n
Dout
n +1
Dout
n +2
Dout
n +3
Dout
n +4
Dout
n +5
tLZ(DQ)min
Valid data
tHZ(DQ)min
tDQSQmax
Valid data
tQH
tQH
Dout
n
tDQSQmin
DQ (First data no
longer valid)
All DQ collectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com