Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 92 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 92 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 88Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 89Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 90Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 91Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 92Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 93Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 94Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 95Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 96Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 160 page
background image
Version 2.2
92
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3L AC and DC Logic Input Levels for DQ and DM
Symbol
Parameter
DDR3L
Unit
Notes
1066
1333,1600
1866
Min
Max
Min
Max
Min
Max
VIH.DQ(DC90)
DC input logic high
Vref + 0.09
VDD
Vref + 0.09
VDD
Vref + 0.09
VDD
V
1
VIL.DQ(DC90)
DC input logic low
VSS
Vref - 0.09
VSS
Vref - 0.09
VSS
Vref - 0.09
V
1
VIH.DQ(AC160)
AC input logic high
Vref + 0.16
Note 2
Vref + 0.16
Note 2
-
-
V
1,2
VIL.DQ(AC160)
AC input logic low
Note 2
Vref - 0.16
Note 2
Vref - 0.16
-
-
V
1,2
VIH.DQ(AC135)
AC input logic high
Vref + 0.135
Note 2
Vref + 0.135
Note 2
Vref + 0.135
Note 2
V
1,2
VIL.DQ(AC135)
AC input logic low
Note 2
Vref - 0.135
Note 2
Vref - 0.135
Note 2
Vref - 0.135
V
1,2
VIH.DQ(AC130)
AC input logic high
-
-
-
-
Vref + 0.13
Note 2
V
1,2
VIL.DQ(AC130)
AC input logic low
-
-
-
-
Note 2
Vref - 0.13
V
1,2
VRefDQ(DC)
Reference Voltage
for DQ, DM inputs
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
0.49 * VDD
0.51 * VDD
V
3,4
NOTE 1 For input only pins except
REET. Vref = VrefDQ(DC).
NOTE 2 See “Overshoot and Undershoot Specifications”.
NOTE 3 The AC peak noise on VRef may not allow VRef to deviate from VRefDQ(DC) by more than +/-1% VDD (for reference: approx. +/- 13.5 mV).
NOTE 4 For reference: approx. VDD/2 +/- 13.5 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com