Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 40 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 40 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 36Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 37Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 38Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 39Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 40Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 41Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 42Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 43Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 44Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 160 page
background image
Version 2.2
40
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Change Frequency during Precharge Power-down
NOTES:
1. Applicable for both SLOW EXIT and FAST EXIT Precharge Power-down
2. tAOFPD and tAOF must be statisfied and outputs High-Z prior to T1; refer to ODT timing section for exact requirements
3. If the RTT_NOM feature was enabled in the mode register prior to entering Precharge power down mode, the ODT signal must
continuously be registered LOW ensuring RTT is in an off state. If the RTT_NOM feature was disabled in the mode register prior to entering
Precharge power down mode, RTT will remain in the off state. The ODT signal can be registered either LOW or HIGH in this case.
CK
CK
T0
T1
T2
Ta0
Tb0
Tc0
Tc1
Td0
Td1
Te0
CKE
Command
DQS,
DQS
tCH
tCL
tCK
Te1
tIH
tIS
tIH
tIS
tCKSRE
tCKE
tCKSRX
tCHb
tCLb
tCKb
NOP
NOP
NOP
NOP
NOP
MRS
NOP
Valid
DLL
Reset
Valid
tIH
tIS
Address
ODT
DQ
DM
High-Z
High-Z
tAOFPD/tAOF
tCPDED
tXP
tDLLK
Previous Clock Frequency
New Clock Frequency
Frequency
Change
Enter Precharge
Power-Down mode
Exit Precharge
Power-Down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com