Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 19 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 19 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 15Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 16Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 17Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 18Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 19Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 23Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 160 page
background image
Version 2.2
19
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
CAS Latency
The CAS Latency is defined by MR0 (bit A9~A11) as shown in the MR0 Definition figure. CAS Latency is the delay, in
clock cycles, between the internal Read command and the availability of the first bit of output data. DDR3(L) SDRAM does
not support any half clock latencies. The overall Read Latency (RL) is defined as Additive Latency (AL) + CAS Latency
(CL); RL = AL + CL.
Test Mode
The normal operating mode is selected by MR0 (bit7=0) and all other bits set to the desired values shown in the MR0
definition figure. Programming bit A7 to a ‘1’ places the DDR3(L) SDRAM into a test mode that is only used by the DRAM
manufacturer and should not be used. No operations or functionality is guaranteed if A7=1.
DLL Reset
The DLL Reset bit is self-
clearing, meaning it returns back to the value of ‘0’ after the DLL reset function has been issued.
Once the DLL is enabled, a subsequent DLL Reset should be applied. Anytime the DLL reset function is used, tDLLK
must be met before any functions that require the DLL can be used (i.e. Read commands or ODT synchronous
operations.)
Write Recovery
The programmed WR value MR0(bits A9, A10, and A11) is used for the auto precharge feature along with tRP to
determine tDAL WR (write recovery for auto-precharge)min in clock cycles is calculated by dividing tWR(ns) by tCK(ns)
and rounding up to the next integer: WRmin[cycles] = Roundup(tWR[ns]/tCK[ns]). The WR must be programmed to be
equal or larger than tWR (min).
Precharge PD DLL
MR0 (bit A12) is used to select the DLL usage during precharge power-
down mode. When MR0 (A12=0), or ‘slow-exit’,
the DLL is frozen after entering precharge power-down (for potential power savings) and upon exit requires tXPDLL to be
met prior to the next valid command. When MR0 (A12=1), or ‘fast-exit’, the DLL is maintained after entering precharge
power-down and upon exiting power-down requires tXP to be met prior to the next valid command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com