Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 86 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 86 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 82Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 83Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 84Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 85Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 86Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 87Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 88Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 89Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 90Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 160 page
background image
Version 2.2
86
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Absolute Maximum Ratings
Absolute Maximum DC Ratings
Symbol
Parameter
Rating
Unit
Note
VDD
Voltage on VDD pin relative to Vss
-0.4 V ~ 1.80 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4 V ~ 1.80 V
V
1,3
Vin, Vout
Voltage on any pin relative to Vss
-0.4 V ~ 1.80 V
V
1
Tstg
Storage Temperature
-55 ~ 150
C
1,2
Note:
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM.
3. VDD and VDDQ must be within 300mV of each other at all times; and Vref must be not greater than 0.6VDDQ, when VDD and
VDDQ are less than 500mV; Vref may be equal to or less than 300mV.
Refresh parameters by device density
Parameter
Symbol
1Gb
Unit
REF command to ACT or REF command time
tRFC
110
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com