Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 100 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 100 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 96Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 97Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 98Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 99Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 100Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 101Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 102Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 103Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 104Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 160 page
background image
Version 2.2
100
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Differential Input Cross Point Voltage
To guarantee tight setup and hold times as well as output skew parameters with respect to clock and strobe, each cross
point voltage of differential input signals (CK,
 and DQS, ) must meet the requirements in the following table. The
differential input cross point voltage Vix is measured from the actual cross point of true and complete signal to the midlevel
between of VDD and VSS.
Vix Definition
VDD
VSS
VDD/2
,
CK,DQS
VIX
VIX
VIX
VSEL
Cross point voltage for differential input signals (CK, DQS)
Symbol
Parameter
DDR3
DDR3L
Unit
Notes
800/1066/1333/1600/
1866/2133
1066/1333/1600/
1866
Min
Max
Min
Max
VIX(CK)
Differential Input Cross Point
Voltage relative to
VDD/2 for CK,

- 150
+ 150
- 150
+ 150
mV
1
- 175
+ 175
mV
2
VIX(DQS)
Differential Input Cross Point
Voltage relative to
VDD/2 for DQS,

- 150
+ 150
- 150
+ 150
mV
1
Note 1
The relation between Vix Min/Max and VSEL/VSEH should satisfy following:
(VDD/2) + VIX (min) - VSEL >= 25 mV ;
VSEH - ((VDD/2) + VIX (max)) >= 25 mV;
Note 2
Extended range for Vix is only allowed for clock and if single-ended clock input signals CK and
 are monotonic with a
single-ended swing VSEL / VSEH of at least VDD/2 +/-250 mV, and when the differential slew rate of CK -
 is larger
than 3 V/ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com