Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 26 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 26 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 27Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 28Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 29Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 30Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 160 page
background image
Version 2.2
26
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Mode Register MR3
The Mode Register MR3 controls Multi-purpose registers. The Mode Register 3 is written by asserting low on
, RA, A,
WE high on BA1 and BA0, and low on BA2 while controlling the states of address pins according to the table below.
MR3 Definition
BA2
BA1
BA0
A15-A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
0
MPR
A2
A1
A0
0
0
0
1
0
1
1
0
BA1
BA0
MR select
1
1
0
0
MR0
0
1
MR1
1
0
MR2
1
1
MR3
Normal operation
Dataflow from MPR
MPR Loc
0
Predefined pattern
Reserved
Reserved
Reserved
MPR Loc
MPR
MR select
* 1 : BA2, A3 - A15 are RFU and must be programmed to 0 during MRS.
* 2 : The predefined pattern will be used for read synchronization.
* 3 : When MPR control is set for normal operation (MR3 A[2] = 0) then MR3 A[1:0] will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com