Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 32 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 32 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 28Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 29Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 30Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 31Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 32Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 33Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 34Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 35Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 36Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 160 page
background image
Version 2.2
32
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
CKE Truth Table
Current State
CKE
Command (N)
RA, A,WE, 
Action (N)
Notes
Previous Cycle
(N-1)
Current Cycle
(N)
Power-Down
L
L
X
Maintain Power-Down
14,15
L
H
DESELECT or NOP
Power-Down Exit
11,14
Self-Refresh
L
L
X
Maintain Self-Refresh
15,16
L
H
DESELECT or NOP
Self-Refresh Exit
8,12,16
Bank(s) Active
H
L
DESELECT or NOP
Active Power-Down Entry
11,13,14
Reading
H
L
DESELECT or NOP
Power-Down Entry
11,13,14,17
Writing
H
L
DESELECT or NOP
Power-Down Entry
11,13,14,17
Precharging
H
L
DESELECT or NOP
Power-Down Entry
11,13,14,17
Refreshing
H
L
DESELECT or NOP
Precharge Power-Down Entry
11
All Banks Idle
H
L
DESELECT or NOP
Precharge Power-Down Entry
11,13,14,18
H
L
REFRESH
Self-Refresh
9,13,18
NOTE 1 CKE (N) is the logic state of CKE at clock edge N; CKE (N-1) was the state of CKE at the previous clock edge.
NOTE 2 Current state is defined as the state of the DDR3(L) SDRAM immediately prior to clock edge N.
NOTE 3 COMMAND (N) is the command registered at clock edge N, and ACTION (N) is a result of COMMAND (N), ODT is not
included here.
NOTE 4 All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this document.
NOTE 5 The state of ODT does not affect the states described in this table. The ODT function is not available during Self-Refresh.
NOTE 6 CKE must be registered with the same value on tCKEmin consecutive positive clock edges. CKE must remain at the valid
input level the entire time it takes to achieve the tCKEmin clocks of registrations. Thus, after any CKE transition, CKE may
not transition from its valid level during the time period of tIS + tCKEmin + tIH.
NOTE 7 DESELECT and NOP are defined in the Command Truth Table.
NOTE 8 On Self-Refresh Exit DESELECT or NOP commands must be issued on every clock edge occurring during the tXS period.
Read or ODT commands may be issued only after tXSDLL is satisfied.
NOTE 9 Self-Refresh modes can only be entered from the All Banks Idle state.
NOTE 10 Must be a legal command as defined in the Command Truth Table.
NOTE 11 Valid commands for Power-Down Entry and Exit are NOP and DESELECT only.
NOTE 12 Valid commands for Self-Refresh Exit are NOP and DESELECT only.
NOTE 13 Self-Refresh cannot be entered during Read or Write operations.
NOTE 14 The Power-Down does not perform any refresh operations.
NOTE 15
“X” means “don’t care“(including floating around VREF) in Self-Refresh and Power-Down. It also applies to Address pins.
NOTE 16 VREF (Both Vref_DQ and Vref_CA) must be maintained during Self-Refresh operation.
NOTE 17 If all banks are closed at the conclusion of the read, write or precharge command, then Precharge Power-Down is entered,
otherwise Active Power-Down is entered.
NOTE 18
‘Idle state’ is defined as all banks are closed (tRP, tDAL, etc. satisfied), no data bursts are in progress, CKE is high, and all
timings from previous operations are satisfied (tMRD, tMOD, tRFC, tZQinit, tZQoper, tZQCS, etc.) as well as all
Self-Refresh exit and Power-Down Exit parameters are satisfied (tXS, tXP, tXPDLL, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com