Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 43 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 43 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 39Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 40Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 41Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 42Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 43Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 44Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 45Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 46Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 47Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 160 page
background image
Version 2.2
43
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Timing details of Write leveling sequence (For Information. Only Support prime DQ)
DQS -
 is capturing CK -  low at T1 and CK - 
high at T2
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CK
CK
CMD
ODT
Di ff_ DQS
Prime DQ
Late
Re ma ini ng
DQs
tMOD
tWLMR D
tWLO
tWLS
t WLH
tWLOE
tWLS
t WLH
t WLO
NOP
M RS
tDQSH
tDQSL
tDQSH
t DQSL
T1
T2
Time
break
Do not
Care
On e Pri me DQ:
Earl y
Re ma ini ng
DQs
tWLO
t WLO
Undefined
Driving Mode
tWLOE
tWLO
t WLO
All DQs are Prime :
Late
Re ma ini ng
DQs
Earl y
Re ma ini ng
DQs
tWLMRD
tWLO
t WLO
t WLOE
tWLDQSEN
NOP
Note:
1. DRAM has the option to drive leveling feedback on a prime DQ or all DQs. If feedback is driven only on
one DQ, the remaining DQs must be driven low as shown in above Figure, and maintained at this state
through out the leveling procedure.
2. MRS: Load MR1 to enter write leveling mode
3. NOP: NOP or deselect
4. diff_DQS is the differential data strobe (DQS,
). Timing reference points are the zero crossings. DQS
is shown with solid line,
 is shown with dotted line.
6. DQS/
 needs to fulfill minimum pulse width requirements tDQSH(min) and tDQSL(min) as defined for
regular Writes; the max pulse width is system dependent.
Write Leveling Mode Exit
The following sequence describes how Write Leveling Mode should be exited:
1. After the last rising strobe edge (see ~T0), stop driving the strobe signals (see ~Tc0). Note: From now on, DQ pins are in
undefined driving mode, and will remain undefined, until tMOD after the respective MR command (Te1).
2. Drive ODT pin low (tIS must be satisfied) and keep it low (see Tb0).
3. After the RTT is switched off, disable Write Level Mode via MRS command (see Tc2).
4. After tMOD is satisfied (Te1), any valid command may be registered. (MR commands may be issued after tMRD (Td1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com