Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 77 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 77 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 75Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 76Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 78Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 79Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 80Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 81Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 160 page
background image
Version 2.2
77
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Dynamic ODT: Behavior with ODT pin being asserted together with write command
for the duration of 6 clock cycles.
Note: Example for BL8 (via MRS or OTF), AL=0, CWL=5. In this example ODTH8=6 is exactly satisfied.
Dynamic ODT: Behavior with ODT pin being asserted together with write
command for a duration of 6 clock cycles, example for BC4 (via MRS or OTF),
AL=0, CWL=5.
tAOFmax
tAOFmin
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
CMD
ODT
RTT
DQS/DQS
DQ
ODTH8
ODTLon
ODTLcnw
tAONmin
tAONmax
ODTLoff
WL
RTT_WR
NOP
WRS8
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Valid
Din
h
Din
h+1
Din
h+2
Din
h+3
Din
h+4
Din
h+5
Din
h+6
Din
h+7
ODTLcwn8
Do not
care
Transitioning
Address
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
ODT
RTT
DQS/DQS
DQ
ODTLon
RTT_WR
RTT_Nom
ODTLcnw
tAONmin
tADCmin
tADCmax
tAOFmin
tAOFmax
tAONmax
ODTLoff
WL
ODTH4
ODTLcwn4
CMD
NOP
WRS4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Valid
Address
Din
n
Din
n+1
Din
n+2
Din
n+3
Do not
care
Transitioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com