Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 45 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 45 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 41Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 42Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 43Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 44Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 45Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 46Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 47Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 48Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 49Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 160 page
background image
Version 2.2
45
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Auto Self-Refresh mode - ASR mode
DDR3(L) SDRAM provides an Auto-Refresh mode (ASR) for application ease. ASR mode is enabled by setting MR2 bit
A6=1 and MR2 bit A7=0. The DRAM will manage Self-Refresh entry in either the Normal or Extended Temperature Ranges.
In this mode, the DRAM will also manage Self-Refresh power consumption when the DRAM operating temperature
changes, lower at low temperatures and higher at high temperatures. If the ASR option is not supported by DRAM, MR2 bit
A6 must set to 0. If the ASR option is not enabled (MR2 bit A6=0), the SRT bit (MR2 bit A7) must be manually programmed
with the operating temperature range required during Self-Refresh operation. Support of the ASR option does not
automatically imply support of the Extended Temperature Range.
Self-Refresh Temperature Range - SRT
SRT applies to devices supporting Extended Temperature Range only. If ASR=0, the Self-Refresh Temperature (SRT)
Range bit must be programmed to guarantee proper self-refresh operation. If SRT=0, then the DRAM will set an
appropriate refresh rate for Self-Refresh operation in the Normal Temperature Range. If SRT=1, then the DRAM will set an
appropriate, potentially different, refresh rate to allow Self-Refresh operation in either the Normal or Extended Temperature
Ranges. The value of the SRT bit can effect self-refresh power consumption, please refer to IDD table for details.
Self-Refresh mode summary
MR2
A[6]
MR2
A[7]
Self-Refresh operation
Allowed Operating
Temperature Range for
Self-Refresh mode
0
0
Self-Refresh rate appropriate for the Normal Temperature Range
Normal 1
0
1
Self-Refresh appropriate for either the Normal or Extended Temperature Ranges.
The DRAM must support Extended Temperature Range. The value of the SRT bit can
effect self-refresh power consumption, please refer to the IDD table for details.
Normal and Extended 2
1
0
ASR enabled (for devices supporting ASR and Normal Temperature Range).
Self-Refresh power consumption is temperature dependent.
Normal 1
1
0
ASR enabled (for devices supporting ASR and Extended Temperature Range).
Self-Refresh power consumption is temperature dependent.
Normal and Extended 2
1
1
Illegal
NOTES:
1. The Normal range depends on product
’s grade.
- Commercial Grade = 0℃~85℃
- Quasi Industrial Grade (-T) = -40℃~85℃
- Industrial Grade (-I) = -40℃~85℃
- Automotive Grade 2 (-H) = -40℃~85℃
- Automotive Grade 3 (-A) = -40℃~85℃
2. The Normal and Extended range depends on product
’s grade.
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com