Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 33 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 33 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 29Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 30Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 31Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 32Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 33Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 34Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 35Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 36Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 37Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 160 page
background image
Version 2.2
33
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
No Operation (NOP) Command
The No operation (NOP) command is used to instruct the selected DDR3(L) SDRAM to perform a NOP (
low and RA,
A, and WE high). This prevents unwanted commands from being registered during idle or wait states. Operations
already in progress are not affected.
Deselect Command
The DESELECT function (
HIGH) prevents new commands from being executed by the DDR3(L) SDRAM. The DDR3(L)
SDRAM is effectively deselected. Operations already in progress are not affected.
DLL- Off Mode
DDR3(L) DLL-
off mode is entered by setting MR1 bit A0 to “1”; this will disable the DLL for subsequent operations until A0
bi
t set back to “0”. The MR1 A0 bit for DLL control can be switched either during initialization or later.
The DLL-off Mode operations listed below are an optional feature for DDR3(L). The maximum clock frequency for DLL-off
Mode is specified by the parameter tCKDLL_OFF. There is no minimum frequency limit besides the need to satisfy the
refresh interval, tREFI.
Due to latency counter and timing restrictions, only one value of CAS Latency (CL) in MR0 and CAS Write Latency (CWL)
in MR2 are supported. The DLL-off mode is only required to support setting of both CL=6 and CWL=6.
DLL-off mode will affect the Read data Clock to Data Strobe relationship (tDQSCK) but not the data Strobe to Data
relationship (tDQSQ, tQH). Special attention is needed to line up Read data to controller time domain.
Comparing with DLL-on mode, where tDQSCK starts from the rising clock edge (AL+CL) cycles after the Read command,
the DLL-off mode tDQSCK starts (AL+CL-1) cycles after the read command. Another difference is that tDQSCK may not be
small compared to tCK (it might even be larger than tCK) and the difference between tDQSCKmin and tDQSCKmax is
significantly larger than in DLL-on mode.
The timing relations on DLL-off mode READ operation have shown at the following Timing Diagram (CL=6, BL=8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com