Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 81 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 81 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 78Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 79Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 80Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 81Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 82Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 83Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 84Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 85Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 160 page
background image
Version 2.2
81
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Synchronous to asynchronous transition during Precharge Power Down (with DLL
frozen) entry (AL=0; CWL=5; tANPD=WL-1=4)
CK
CK
CKE
CMD
Last sync.
ODT
tANPD
RTT
Sync. Or
async. ODT
ODTLoff
tAOFmax
tAOFmin
tAOFPDmin
tAOFPDmax
ODTLoff+tAOFPDmin
ODTLoff+tAOFPDmax
RTT
tAOFPDmin
First async.
ODT
RTT
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
PD entry transition period
Do not
care
Time
Break
Transitioning
tCPDEDmin
tCPDED
NOP
RTT
RTT
RTT
tAOFPDmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com