Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 36 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 36 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 32Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 33Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 34Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 35Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 36Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 37Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 38Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 39Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 40Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 160 page
background image
Version 2.2
36
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DLL Switch Sequence from DLL-on to DLL-off
CK
CK
T0
T1
T
a
0
T
a
1
T
b
0
T
c
0
T
d
0
T
d
1
T
e
0
T
e
1
MRS 2)
1)
CMD
CKE
ODT
tMOD
T
f
0
tCKSRE
4)
tCKSRX 5)
tXS
tMOD
NOP
SRE 3)
NOP
SRX 6)
NOP
MRS 7)
NOP
Vali
d
8)
tCKESR
Vali
d
8)
Vali
d
8)
Tim
e
break
Do
not
Car
e
Note:
ODT: Static LOW in case RTT_Nom and RTT_WR is enabled, otherwise static Low or High
1) Starting with Idle State, RTT in Hi-Z State.
2) Disable DLL by setting MR1 Bit A0 to 1.
3) Enter SR.
4) Change Frequency.
5) Clock must be stable at least tCKSRX.
6) Exit SR.
7) Update Mode registers with DLL off parameters setting.
8) Any valid command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com