Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 24 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 24 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 20Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 21Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 22Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 23Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 24Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 25Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 26Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 27Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 28Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 160 page
background image
Version 2.2
24
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Mode Register MR2
The Mode Register MR2 stores the data for controlling refresh related features, Rtt_WR impedance, and CAS write latency.
The Mode Register 2 is written by asserting low on
, RA, A, WE high on BA1 and low on BA0 and BA2, while
controlling the states of address pins according to the table below.
MR2 Definition
BA2
BA1
BA0
A15-A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
↓
0
0
SRT ASR
A6
A2
A1
A0
0
0
0
0
1
0
0
1
0
1
0
0
1
1
1
0
0
A10
A9
1
0
1
0
0
1
1
0
0
1
1
1
1
1
0
1
1
A5
A4
A3
0
0
0
A7
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
BA1
BA0
1
1
1
0
0
0
1
1
0
1
1
Quarter Array (BA[2:0]=110, &111)
1/8th Array (BA[2:0]=111)
PASR
Full Array
HalfArray (BA[2:0]=000,001,010, &011)
Quarter Array (BA[2:0]=000, & 001)
1/8th Array (BA[2:0] = 000)
3/4 Array (BA[2:0] = 010,011,100,101,110, & 111)
HalfArray (BA[2:0] = 100, 101, 110, &111)
MR select
0
Rtt_WR
CWL
PASR
RFU
CWL
7 (1.875ns>=tCK(avg)>=1.5ns)
8 (1.5ns>=tCK(avg)>=1.25ns)
9 (1.25ns>=tCK(avg)>=1.07ns)
ASR
Manual SR Reference (SRT)
ASR enable
Rtt_WR
Dynamic ODT off
RZQ/4
RZQ/2
Reserved
6 (2.5ns>=tCK(avg)>=1.875ns)
SRT
MR select
MR0
10 (1.07ns>=tCK(avg)>=0.935ns)
RFU
5 (tCK(avg)>=2.5ns)
MR1
MR2
MR3
Normal operating
temperature range
Extended operating
temperature range
0
1
* 1 : Default state of PASR is disabed. This is enabled by using an electrical fuse. Please contact with NTC for the demand.
* 2 : BA2, A5, A8, A11 ~ A13 are RFU and must be programmed to 0 during MRS.
* 3 : The Rtt_WR value can be applied during writes even when Rtt_Nom is disabled. During write leveling, Dynamic ODT is
not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com