Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 123 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 123 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 119Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 120Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 121Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 122Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 123Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 124Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 125Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 126Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 127Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 160 page
background image
Version 2.2
123
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3 IDD Currents
IDD
Parameter/Condition
DDR3 1600
11-11-11
DDR3 1866
13-13-13
DDR3 2133
14-14-14
Unit
X8
X16
X8
X16
X8
X16
IDD0
Operating Current 0
One Bank Activate -> Precharge
45
55
48
58
54
61
mA
IDD1
Operating Current 1
One Bank Activate-> Read-> Precharge
55
67
60
70
71
75
mA
IDD2P0(SLOW)
Precharge Power-Down Current
Slow Exit - MR0 bit A12 = 0
11
11
11
12
mA
IDD2P1(FAST)
Precharge Power-Down Current
Fast Exit - MR0 bit A12 = 1
13
mA
IDD2Q
Precharge Quiet Standby Current
19
20
21
mA
IDD2N
Precharge Standby Current
24
mA
IDD2NT
Precharge Standby ODT IDDQ Current
33
35
36
38
40
42
mA
IDD3N
Active Standby Current
34
44
38
44
40
48
mA
IDD3P
Active Power-Down Current
Always Fast Exit
18
26
18
26
20
26
mA
IDD4R
Operating Current Burst Read
105
141
120
156
148
175
mA
IDD4W
Operating Current Burst Write
110
150
125
166
142
182
mA
IDD5B
Burst Refresh Current
97
103
100
105
108
118
mA
IDD61
Self-Refresh Current
Normal
11
mA
IDD6ET2
Self-Refresh Current
Extended
12
mA
IDD7
All Bank Interleave Read Current
159
212
172
244
189
251
mA
IDD8
Reset Low Current
11
mA
NOTE 1
IDD6: SRT is ‘Normal’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~85℃
- Quasi Industrial Grade (-T) = -40℃~85℃
- Industrial Grade (-I) = -40℃~85℃
- Automotive Grade 2 (-H) = -40℃~85℃
- Automotive Grade 3 (-A) = -40℃~85℃
NOTE 2
IDD6ET: SRT is ‘Extended’, ASR is disabled. Value is maximum.
- Commercial Grade = 0℃~95℃
- Quasi Industrial Grade (-T) = -40℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
NOTE 3
IDD will be derated (increased) when above 95℃.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com