Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT5CC64M16GP-DINA Datasheet(PDF) 128 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DINA
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DINA Datasheet(HTML) 128 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DINA Datasheet HTML 124Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 125Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 126Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 127Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 128Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 129Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 130Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 131Page - Nanya Technology Corporation. NT5CC64M16GP-DINA Datasheet HTML 132Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 160 page
background image
Version 2.2
128
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
CKE: Low; External clock: Off; CK and
: LOW; CL: see the table of Timings used for IDD and IDDQ;
BL: 8(1);AL: 0;
, Command, Address, Bank Address, Data IO: MID-LEVEL;
DM:stable at 0;
Bank Activity:Auto Self-Refresh operation;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: MIDLEVEL
IDD7
Operating Bank Interleave Read Current
CKE: High; External clock: On;
tCK, nRC, nRAS, nRCD, nRRD, nFAW, CL: see the table of Timings used for IDD and IDDQ;
BL: 8(1,7); AL: CL-1;
: High between ACT and RDA;
Command, Address, Bank Address Inputs:partially toggling;
Data IO: read data bursts with different data between one burst and the next one;
DM:stable at 0;
Bank Activity: two times interleaved cycling through banks (0, 1, ...7) with different addressing;
Output Buffer and RTT: Enabled in Mode Registers(2);
ODT Signal: stable at 0;
IDD8
RESET Low Current
RESET: LOW; External clock: Off;
CK and
: LOW; CKE: FLOATING;
, Command, Address,Bank Address, Data IO: FLOATING;
ODT Signal: FLOATING
RESET Low current reading is valid once power is stable and RESET has been LOW for at least 1ms.
NOTE 1. Burst Length: BL8 fixed by MRS: set MR0 A[1,0]=00B
NOTE 2. Output Buffer Enable: set MR1 A[12] = 0B; set MR1 A[5,1] = 01B; RTT_Nom enable: set MR1 A[9,6,2] = 011B; RTT_Wr
enable: set MR2 A[10,9] = 10B
NOTE 3. Pecharge Power Down Mode: set MR0 A12=0B for Slow Exit or MR0 A12=1B for Fast Exit
NOTE 4. Auto Self-Refresh (ASR): set MR2 A6 = 0B to disable or 1B to enable feature
NOTE 5. Self-Refresh Temperature Range (SRT): set MR2 A7=0B for normal or 1B for extended temperature range
NOTE 6. Refer to DRAM supplier data sheet and/or DIMM SPD to determine if optional features or requirements are supported by
DDR3 SDRAM device
NOTE 7. Read Burst Type: Nibble Sequential, set MR0 A[3] = 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com