Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 4Page - Linear Technology LTC3370 Datasheet HTML 5Page - Linear Technology LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC3372
8
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss
vs Output Current
Efficiency and Power Loss
vs Output Current
Efficiency vs VIN
(HV Controller) TA = 25°C, unless otherwise noted.
Burst Mode Quiescent Current
vs VIN
Burst Mode Quiescent Current
vs Temperature
Shutdown Current vs VIN
Shutdown Current vs Temperature
Output Voltage vs Temperature
Forced Continuous Mode
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 5V
FCM EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 G02
fSW = 333kHz
ILOAD = 5A
VOUT = 5V
VOUT = 3.3V
INPUT VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
80
82
84
86
88
90
92
94
96
98
100
3372 G03
INPUT VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3372 G06
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
1
2
3
4
5
6
7
8
9
10
3372 G07
VIN = 12V
ILOAD = 100mA
VOUT = 3.3V
VOUT = 5V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
3.20
3.25
3.30
3.35
3.40
3.45
3.50
4.80
4.85
4.90
4.95
5.00
5.05
5.10
3372 G08
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 3.3V
FCM EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 G01
VOUT = 3.3V
VOUT = 5V
HV Only
HV+1LV
HV Only
HV+1LV
INPUT VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
0
10
20
30
40
50
60
70
80
3372 G04
VIN = 12V
VOUT = 3.3V
VOUT = 5V
HV Only
HV+1LV
HV Only
HV+1LV
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
0
5
10
15
20
25
30
35
40
45
50
3372 G05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com