Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 33Page - Linear Technology LTC3370 Datasheet HTML 34Page - Linear Technology LTC3370 Datasheet HTML 35Page - Linear Technology LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology LTC3370 Datasheet HTML 38Page - Linear Technology LTC3370 Datasheet HTML 39Page - Linear Technology LTC3370 Datasheet HTML 40Page - Linear Technology LTC3370 Datasheet HTML 41Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
LTC3372
37
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
4.5V to 60V Input 3.3V/3A Output HV Buck Converter Plus Quad 1V/1.2V/1.8V/2.5V LV Regulators
MTOP: NTMFS5C670NL
VOUT
INTVCC
VOUT
INTVCC
VOUT
VOUT
VINB
SWA
GND
SWB
FB1
VINA
EN1
VIN
VOUTPRG
VINC
VIND
SWC
ITH
SWD
FB2
EN2
TRACK/SS
RUN
PGOOD
RT
CT
PLL/MODE
VINE
VINF
SWE
SWF
FB3
EN3
VING
VINH
SWG
SWH
C1 C2 C3
FB4
EN4
WDI
WDO
TEMP
RSTB
INTVCC
TG
BOOST
SW
BG
SENSE+
SENSE–
VOUT/EXTVCC
LTC3372
MTOP
MBOT
D1
4.7µF
10nF
RSENSE
5m
402k
464k
232k
LHV
2.2µH
47µF
649k
162k
47µF
309k
665k
47µF
0.01µF
100pF
2.2nF
8.06k
100k
CIN2
2.2µF
×2
CIN1
47µF
×2
COUT2
47µF
COUT1
150µF
×2
100k
L4
1µH
L1
1µH
10µF
×2
10Ω
1nF
0.1µF
VOUT1
1V
2A
VOUT2
1.2V
2A
VOUT
3.3V
3A*
VOUT4
2.5V
2A
VIN
60V MAX
4.5V MIN
MTOP: RJK0651DPB
LHV: XAL1010-222ME
CIN1: 63HVH47M
CIN2: GRM32ER72A225KA35L
COUT1: T520B157M006ATE025
COUT2: GRM32ER71A476KE15
D1: DFLS1100
10µF
×2
10µF
×2
10µF
×2
649k
806k
47µF
L3
1µH
L2
1µH
VOUT3
1.8V
2A
3372 TA02
*FULL LOAD IS EQUIVALENT TO SPECIFIED LOAD CURRENT
PLUS THE FULL LOAD INPUT CURRENT FROM VOUT1-4
HV Controller Efficiency and
Power Loss vs Output Current
HV Controller Forced Continuous
Mode Load Step
BURST EFFICIENCY
BURST LOSS
VIN = 12V
VOUT = 3.3V
FCM EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 TA02b
VIN = 12V
VOUT = 3.3V
ILOAD = 200mA to 8A
100µs/DIV
ILOAD
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 TA02c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com