Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 32Page - Linear Technology LTC3370 Datasheet HTML 33Page - Linear Technology LTC3370 Datasheet HTML 34Page - Linear Technology LTC3370 Datasheet HTML 35Page - Linear Technology LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology LTC3370 Datasheet HTML 38Page - Linear Technology LTC3370 Datasheet HTML 39Page - Linear Technology LTC3370 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
LTC3372
36
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The duty cycle percentage should be maintained
from cycle to cycle in a well-designed, low noise PCB
implementation.
3. Variation in the duty cycle at a subharmonic rate
can suggest noise pickup at the current or voltage
sensing inputs or inadequate loop compensation.
Overcompensation of the loop can be used to tame a
poor PCB layout if regulator bandwidth optimization
is not required.
4. Reduce VIN from its nominal level to verify operation
of the regulator in dropout. Check the operation of the
undervoltage lockout circuit by further lowering VIN
while monitoring the outputs to verify operation.
5. Investigate if any problems exist only at higher output
currents or only at higher input voltages. If problems
coincide with high input voltages and low output cur-
rents,lookforcapacitivecouplingbetweentheBOOST,
SW,TG,andpossiblyBGconnectionsandthesensitive
voltage and current pins.
If problems are encountered with high current output
loading at lower input voltages, look for inductive
coupling between CIN, bottom MOSFET, and the top
MOSFETcomponentstothesensitivecurrentandvolt-
age sensing traces. In addition, investigate common
groundpathvoltagepickupbetweenthesecomponents
and the exposed ground pad of the IC.
6. The capacitor placed across the current sensing pins
needs to be placed immediately adjacent to the pins
of the IC. This capacitor helps to minimize the effects
of differential noise injection due to high frequency
capacitive coupling.
7. If problems are encountered with high current output
loading at lower input voltages, look for inductive
coupling between CIN, Schottky and the top MOSFET
components to the sensitive current and voltage sens-
ing traces. In addition, investigate common ground
path voltage pickup between these components and
the exposed ground pad of the IC.
PCB Layout Considerations for LV Regulators
1. Each of the VINA-H input supply pins should have a
decoupling capacitor. The connections of the decou-
pling capacitors to their respective VINA-H pins should
be kept as short as possible. The GND side of these
capacitorsshouldconnectdirectlytothegroundplane
of the part. These capacitors provide the AC current
to the internal power MOSFETs and their drivers. It is
important to minimize inductance from these capaci-
tors to the VIN pins of the VINA-H pins.
2. The switching power traces connecting SWA-H to the
inductors should be minimized to reduce radiated EMI
and parasitic coupling. Due to the fast voltage swing
of the switching nodes, high input impedance sensi-
tive nodes, such as the feedback nodes, should be
shielded or kept far away from the switching nodes.
3. The return (GND side) of the switching regulators’
output capacitors should be connected to the exposed
pad (Pin 49, GND) of the IC through a ground plane.
Minimize the trace length from the output capacitors
to the inductor(s)/pin(s).
4. In a multiple power stage buck regulator application,
the trace length of switch nodes to the inductor must
be kept equal to ensure proper operation.
5. Kelvin connect the returns for RT, CT and the feedback
dividers to an isolated shape (ground copper “island”)
tied to the GND pad of the IC.
Other PCB Layout Considerations
CareshouldbetakentominimizecapacitanceontheTEMP
pin. If the TEMP voltage must drive more than ~30pF,
then the pin should be isolated with a resistor placed
close to the pin of a value between 10k and 100k. Keep
in mind that any load on the isolation resistor will create
a proportional error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com