Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC3372
11
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
2A Buck Efficiency and Power
Loss vs Output Current
2A Buck Efficiency
vs VIN Forced Continuous Mode
2A Buck Efficiency
vs VIN Burst Mode
2A Buck Efficiency
vs VOUT Forced Continuous Mode
2A Buck Efficiency
vs VOUT Burst Mode Operation
Efficiency vs Output Current
Burst Mode Operation
2A Buck Efficiency vs Output Current
Across Switching Frequency
2A Buck Regulator Feedback
Voltage vs Temperature
1A Buck Load Regulation Across
VIN Forced Continuous Mode
(LV Buck Regulator) TA = 25°C, unless otherwise noted.
BURST EFFICIENCY
BURST LOSS
VIN = 3.3V
VOUT = 1.8V
FCM EFFICIENCY
FCM LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 G25
VOUT = 1.8V
fSW = 2MHz
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 1A
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
70
80
90
100
3372 G26
VOUT = 1.8V
fSW = 2MHz
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 1A
INPUT VOLTAGE (V)
2
2.5
3
3.5
4
4.5
5
5.5
70
75
80
85
90
95
100
3372 G27
VIN = 3.3V
fSW = 2MHz
ILOAD = 1mA
ILOAD = 1A
ILOAD = 100mA
ILOAD = 10mA
OUTPUT VOLTAGE (V)
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
0
10
20
30
40
50
60
70
80
90
100
3372 G28
VIN = 3.3V
fSW = 2MHz
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 10mA
ILOAD = 1A
OUTPUT VOLTAGE (V)
0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
70
75
80
85
90
95
100
3372 G29
VIN = 3.3V
VOUT = 1.8V
fSW = 2MHz
1A Buck
2A Buck
3A Buck
4A Buck
OUTPUT CURRENT (V)
0.0001
0.001
0.01
0.1
1
4
0
10
20
30
40
50
60
70
80
90
100
3372 G30
VIN = 3.3V
VOUT = 1.8V
BURST MODE
FCM
fSW = 1MHz
fSW = 2MHz
fSW = 3MHz
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
3372 G31
VIN = 3.3V
VOUT = 1.8V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
792
794
796
798
800
802
804
806
3372 G32
VOUT = 1.8V
VIN = 2.25V
VIN = 3.3V
VIN = 5V
OUTPUT CURRENT (A)
0.001
0.01
0.1
1
1.700
1.710
1.720
1.730
1.740
1.750
1.760
1.770
1.780
1.790
1.800
3372 G33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com