Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
LTC3372
17
Rev. A
For more information www.analog.com
BLOCK DIAGRAM
WATCHDOG TIMER
STATE MACHINE
BUCK REGULATOR 1
CONTROL
CT
OSCILLATOR
WDO
WDI
CT
DELAY
BANDGAP
UVLO
SD
RST
4 PGOOD
CT
CLOCK
VINB
MODE
EN1
FB1
OSCILLATOR
RT
PLL/MODE
CLK (fOSC)
REF
OT
UV
MODE
BUCK REGULATOR 2
CONTROL
VIND
FB2
EN2
BUCK REGULATOR 3
CONTROL
VINE
FB3
EN3
BUCK REGULATOR 4
CONTROL
1A POWER
STAGE H
VING
C2
CONFIGURATION LINES
EN4
FB4
SD
REF
CLK
4
C1
C3
GND
(EXPOSED PAD)
SWH
33721 BD
VINH
1A POWER
STAGE G
SWG
VING
1A POWER
STAGE F
SWF
VINF
1A POWER
STAGE E
SWE
VINE
1A POWER
STAGE D
SWD
VIND
1A POWER
STAGE C
SWC
VINC
1A POWER
STAGE B
SWB
VINB
1A POWER
STAGE A
TEMP
MONITOR
HIGH VOLTAGE CONTROLLER
LOW VOLTAGE REGULATORS
SWA
VINA
TEMP
2
4
SW
BOOST
TG
CB
CIN
DB
BG
INTVCC
INTVCC
VIN
VOUT
DROP
OUT
DET
BOT
TOP ON
SHDN
MODE
SLEEP
0.425V
ICMP
2.7V
0.65V
IREV
2mV
SLOPE COMP
SENSE+
SENSE–
PGOOD
VFB
1.29V
LTC3372: CLK/6 (1/6 fOSC)
1.11V
OV
UV
RUN
+
–
+ –
SWITCH
LOGIC
VOUT/EXTVCC
VOUTPRG
VFB
CC
RC
CC2
1.2V
TRACK/SS
15% ABOVE
REGULATION
ITH
TRACK/SS
CSS
10µA
SHDN
FOLDBACK
SHDN
RST
2(VFB)
0.5µA
LDO
EN
5.1V
VIN
VOUT/EXTVCC
INTVCC
GATE
CONTROL
EN
4.7V
EA
OV
COUT
S
R
Q
Q
3.3V/5V
PROGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com