Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology LTC3370 Datasheet HTML 32Page - Linear Technology LTC3370 Datasheet HTML 33Page - Linear Technology LTC3370 Datasheet HTML 34Page - Linear Technology LTC3370 Datasheet HTML 35Page - Linear Technology LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
LTC3372
33
Rev. A
For more information www.analog.com
With the input voltage at a sustained 60V and full load on
the output, the estimated power losses in the main FET
will be 2.0W and the LDO losses inside the chip will be
0.8W. Airflow will likely be required. A lower switching
frequency will reduce these losses and setting VOUT to
5V will avoid the LDO losses.
A short-circuit to ground will result in a folded back cur-
rent of:
ISC =
0.45(75mV)
0.005
−
1
2
60ns(22V)
2.2µH
⎛
⎝
⎜
⎞
⎠
⎟ = 6.6A
with a maximum value of RDS(ON) and = (0.005/°C)(25°C)
= 0.125. The resulting power dissipated in the bottom
MOSFET is:
PSYNC = (6.6A)
2(1.125)(0.009Ω)
= 441mW
which is less than under full-load conditions. CINischosen
for an RMS current rating of at least 5A at temperature
assuming only this channel is on. COUT is chosen with an
ESR of 0.01Ω for low output ripple. The output ripple in
continuousmodewillbehighestatthemaximuminputvolt-
age.TheoutputvoltagerippleduetoESRisapproximately:
VORIPPLE = RESR(∆IL) = 0.1Ω(4.3A) = 43mVP-P
LOW VOLTAGE BUCK REGULATORS
Output Voltage and Feedback Network
The output voltage of each LV buck switching regulators
is programmed by a resistor divider connected from the
switching regulator’s output to its feedback pin and is
given by VOUT = VFB(1 + R2/R1) as shown in Figure 8.
Typical values for R1 range from 40k to 1M. The buck
APPLICATIONS INFORMATION
regulatortransientresponsemayimprovewithanoptional
capacitor, CFF, that helps cancel the pole created by the
feedback resistors and the input capacitance of the FB pin.
Experimentation with capacitor values between 2.2pF and
22pF may improve transient response.
Input and Output Decoupling Capacitor Selection
The LTC3372 buck regulators have individual input supply
pins for each buck power stage. Each of these pins must
be decoupled with low ESR capacitors to GND. These ca-
pacitors must be placed as close to the pins as possible.
Ceramic dielectric capacitors are a good compromise
between high dielectric constant and stability versus
temperature and DC bias. Note that the capacitance of a
capacitor deteriorates at higher DC bias. It is important
to consult manufacturer data sheets and obtain the true
capacitance of a capacitor at the DC bias voltage that it
will be operated at. For this reason, avoid the use of Y5V
dielectric capacitors. The X5R/X7R dielectric capacitors
offer good overall performance.
Each low voltage input power supply voltage VIN,A-H Pins
5, 8, 9, 12, 25, 28, 29 and 32 all need to be de-coupled
withatleast10μFcapacitors.Ifpowerstagesarecombined
the supplies should be shorted with as short of a trace
as possible. Additionally, all LV buck regulator outputs
should be bypassed with a capacitor to ground of at least
22µF for 1A, 47µF for 2A, 68µF for 3A and 100µF for 4A
configurations.
Combined Buck Power Stages
The LTC3372 has eight power stages that can handle aver-
age load currents of 1A each. These power stages may be
combined in any one of eight possible combinations, via
the C1, C2, and C3 pins (see Table 1). Table 3, Table 4, and
Table 5 show recommended inductors for the combined
power stage configurations.
For a 2A combined buck regulator, the input supply should
bede-coupledwitha22μFcapacitorwhiletheoutputshould
be de-coupled with a 47μF capacitor. Similarly, for 3A and
4A configurations the input and output capacitance must
be scaled up to account for the increased load.
+
LV BUCK
SWITCHING
REGULATOR
VOUT/EXTVCC
FBn
R1
3372 F08
R2
CFF
OPTIONAL
COUT
Figure 8. Feedback Components
Low Voltage Buck Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com