Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 24Page - Linear Technology LTC3370 Datasheet HTML 25Page - Linear Technology LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology LTC3370 Datasheet HTML 28Page - Linear Technology LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology LTC3370 Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
LTC3372
28
Rev. A
For more information www.analog.com
LTC3372
TRACK/SS
CSS
SGND
3372 F05
Figure 5. Using the TRACK/SS Pin to Program Soft-Start
APPLICATIONS INFORMATION
Tracking and Soft-Start (TRACK/SS Pin)
The start-up of VOUT is controlled by the voltage on the
TRACK/SS pin. When the voltage on the TRACK/SS pin
is less than the internal 1.2V reference, it regulates the
internal VFB voltage to the voltage on the TRACK/SS pin
insteadof1.2V.TheTRACK/SSpincanbeusedtoprogram
an external soft-start function or to allow VOUT to track
another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 5.
An internal 10μA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin.
The HV controller will regulate the VFB (and hence VOUT)
according to the voltage on the TRACK/SS pin, allowing
VOUT/EXTVCCtorisesmoothlyfrom0Vtoitsfinalregulated
value. The total soft-start time will be approximately:
tSS = CSS •
1.2V
10µA
Alternatively,theTRACK/SSpincanbeusedtotrackanother
supplyduringstart-up,asshownqualitativelyinFigures6a
and 6b. To do this, a resistor divider should be connected
from the master supply (VX) to the TRACK/SS pin of the
slave supply (VOUT/EXTVCC) as shown in Figure 7. During
start-up VOUT/EXTVCC will track VX according to the ratio
set by the resistor divider:
VX
VOUT
=
1.2V
VOUT(REG)
•
RTRACKA +RTRACKB
RTRACKA
VOUT(REG) is the programmed output regulation voltage.
If the VOUTPRG pin it tied to INTVCC pin, VOUT(REG) = 5V.
If the VOUTPRG pin is tied to ground, VOUT(REG) = 3.3V.
INTVCC Regulation
INTVCC powers the gate drivers and much of the internal
circuitry. Power to the INTVCC pin is supplied either from
the VINpinthroughaninternallowdropoutlinearregulator
(LDO), or from the VOUT/EXTVCC pin through an internal
switch, depending on the voltage at VOUT/EXTVCC. The VIN
LDO regulates INTVCC to 5.1V. The INTVCC can supply a
peak current of at least 50mA and must be bypassed to
ground with a minimum of 4.7μF ceramic capacitor. Good
LTC3372
VOUT/EXTVCC
VOUT/EXTVCC
Vx
TRACK/SS
3372 F07
RTRACKA
RTRACKB
Figure 7. Using the TRACK/SS Pin for Tracking
TIME
VX(MASTER)
VOUT(SLAVE)
3372 F06a
TIME
3372 F06b
VX(MASTER)
VOUT(SLAVE)
Figure 6. Two Different Modes of Output Voltage Tracking
(6a) Coincident Tracking
(6b) Ratiometric Tracking
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com