Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology LTC3370 Datasheet HTML 38Page - Linear Technology LTC3370 Datasheet HTML 39Page - Linear Technology LTC3370 Datasheet HTML 40Page - Linear Technology LTC3370 Datasheet HTML 41Page - Linear Technology LTC3370 Datasheet HTML 42Page - Linear Technology LTC3370 Datasheet HTML 43Page - Linear Technology LTC3370 Datasheet HTML 44Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
LTC3372
40
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
4.5V (3V Minimum After Start-Up) to 50V Input HV SEPIC Converter Feeding Dual 3.3V/4A LV Regulators
VOUT
INTVCC
VOUT
INTVCC
INTVCC
INTVCC
INTVCC
M1
DIN
4.7µF
10nF
255k
47µF
×2
162k
511k
47µF
×2
0.01µF
100pF
6.8nF
4.32k
100k
CIN2
10µF
CIN1
47µF
×2
100k
3372 TA05a
L2
0.33µH
L1
0.33µH
10µF
×4
100
1nF
VINB
SWA
GND
SWB
FB1
VINA
EN1
VIN
VOUTPRG
VINC
VIND
SWC
ITH
SWD
FB2
EN2
TRACK/SS
RUN
PGOOD
RT
CT
PLL/MODE
VINE
VINF
SWE
SWF
FB3
EN3
VING
VINH
SWG
SWH
C1 C2 C3
FB4
EN4
WDI
WDO
TEMP
RSTB
INTVCC
TG
BOOST
SW
BG
SENSE+
SENSE
VOUT/EXTVCC
LTC3372
LHV1
1.2µH
LHV2
1.2µH
CP
10µF
RSENSE
2m
100
DFW
1µF
COUT1
680µF
×2
COUT2
220µF
VOUT1
3.3V
4A
VOUT4
3.3V
4A
VOUT
5V
VIN
4.5V MIN
50V MAX
(3V MIN
AFTER START-UP)
M1: TPH7R006PL
LHV1, LHV2: 74485540120
CIN1: 63HVH47M
CIN2: GRM32ER71H106KA12L
COUT1: TPSE687M006R0045
COUT2: GRM32ER60J227ME05L
CP: GRM32ER71H106KA12L
DIN: DFLS1100
10µF
×4
162k
511k
BURST EFFICIENCY
BURST LOSS
PULSE–SKIPPING
EFFICIENCY
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
6
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 TA05b
VOUT = 5V
ILOAD = 4.8A
12V
3V
200ms/DIV
VOUT
AC–COUPLED
200mV/DIV
VIN
5V/DIV
3372 TA05c
HV Controller Efficiency and
Power Loss vs Output Current
HV Controller VIN Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com