Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 38 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 34Page - Linear Technology LTC3370 Datasheet HTML 35Page - Linear Technology LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology LTC3370 Datasheet HTML 38Page - Linear Technology LTC3370 Datasheet HTML 39Page - Linear Technology LTC3370 Datasheet HTML 40Page - Linear Technology LTC3370 Datasheet HTML 41Page - Linear Technology LTC3370 Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
LTC3372
38
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
VOUT
VOUT
INTVCC
INTVCC
VOUT
VOUT
INTVCC
VINB
VINC
SWA
SWB
SWC
GND
FB1
VINA
EN1
VIN
VOUTPRG
VIND
ITH
SWD
FB2
EN2
TRACK/SS
RUN
PGOOD
RT
CT
PLL/MODE
VINE
SWE
FB3
EN3
VING
VINF
VINH
SWH
SWG
SWF
C1 C2 C3
FB4
EN4
WDI
WDO
TEMP
RSTB
INTVCC
TG
BOOST
SW
BG
SENSE+
SENSE–
VOUT/EXTVCC
LTC3372
MTOP
MBOT
D1
4.7µF
10nF
RSENSE
3m
402k
649k
806k
LHV
1.5µH
22µF
464k
232k
47µF
309k
665k
22µF
162k
511k
47µF
0.01µF
100pF
3.3nF
5.11k
100k
COUT2
47µF
COUT1
330µF
10µF
×3
10µF
100k
L4
0.68µH
L1
0.68µH
L3
2.2µH
L2
2.2µH
10
1nF
0.1µF
VOUT
5V
10A*
VIN
60V MAX
6V MIN
22µF
10µF
×3
10µF
22µF
VOUT4
3.3V
3A
VOUT3
2.5V
1A
VOUT1
1.2V
3A
VOUT2
1.8V
1A
CIN1
47µF
×2
CIN2
2.2µF
×2
3372 TA03a
MTOP: NTMFS5C670NL
MBOT: NVMFS5C645NL
LHV:XAL1010-152ME
CIN1: 63HVH47M
CIN2: GRM32ER72A225KA35L
COUT1: 6TPE330MAP
COUT2: GRM32ER71A476KE15
D1: DFLS1100
INTVCC
*FULL LOAD IS EQUIVALENT TO SPECIFIED LOAD CURRENT
PLUS THE FULL LOAD INPUT CURRENT FROM VOUT1-4
BURST EFFICIENCY
BURST LOSS
FCM EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FCM LOSS
PULSE–SKIPPING
LOSS
OUTPUT CURRENT (A)
0.0001 0.001
0.01
0.1
1
1020
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
3372 TA03b
VIN = 12V
VOUT = 5V
ILOAD = 200mA to 12A
100µs/DIV
ILOAD
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 TA03c
HV Controller Efficiency and
Power Loss vs Output Current
HV Controller Forced Continuous
Mode Load Step
6V to 60V Input 5V/10A Output HV Buck Converter Plus Quad 1.2V/3A, 1.8V/1A, 2.5V/1A, and 3.3V/3A LV Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com