Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LTC3372
14
Rev. A
For more information www.analog.com
PIN FUNCTIONS
RST (Pin 1): LV Regulator Reset Logic Output. This pin is
pulled low when the feedback pin (FB1-4) voltage of any
enabled LV regulator is outside of its power good window.
The window is –2% to +7.5% (typical) for regulator 1,
and –5% to +7.5% (typical) for regulators 2-4, around
the regulated 0.8V level. This pin is pulled low when all
LV regulators are disabled. Assertion (the pin goes high)
delay is scaled by the CT capacitor.
TEMP (Pin 2): Temperature Indication Pin. TEMP outputs
a voltage of 220mV (typical) at 25°C. The TEMP voltage
will increase by 7mV/°C (typical) at higher temperatures
giving an external indication of the IC’s internal die tem-
perature. The temperature monitor can be shut down by
tying the TEMP pin to INTVCC to reduce quiescent current.
If all LV regulators are disabled, the temperature monitor
shuts down and the TEMP pin becomes high impedance.
EN1 (Pin 3): LV Buck Regulator 1 Enable Input. Active
high. Do not float.
FB1 (Pin 4): LV Buck Regulator 1 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
VINA (Pin 5): LV Power Stage A Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
SWA (Pin 6): LV Power Stage A Switch Node. External
inductor connects to this pin.
SWB (Pin 7): LV Power Stage B Switch Node. External
inductor connects to this pin.
VINB (Pin 8): LV Power Stage B Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
VINC (Pin 9): LV Power Stage C Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
SWC (Pin 10): LV Power Stage C Switch Node. External
inductor connects to this pin.
SWD (Pin 11): LV Power Stage D Switch Node. External
inductor connects to this pin.
VIND (Pin 12): LV Power Stage D Input Supply. Bypass to
GND with a 10µF or larger ceramic capacitor.
FB2 (Pin 13): LV Buck Regulator 2 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
In configurations where LV Regulator 2 is not used, FB2
should be tied to ground.
EN2 (Pin 14): LV Buck Regulator 2 Enable Input. Active
high. In configurations where LV Regulator 2 is not used,
tie EN2 to ground. Do not float.
C1 (Pin 15): LV Regulator Configuration Control Input Bit.
With C2 and C3, C1 configures the buck output current
power stage combinations. C1 should either be tied to
INTVCC or ground. Do not float.
C2 (Pin 16): LV Regulator Configuration Control Input Bit.
With C1 and C3, C2 configures the buck output current
power stage combinations. C2 should either be tied to
INTVCC or ground. Do not float.
C3 (Pin 17): LV Regulator Configuration Control Input Bit.
With C1 and C2, C3 configures the buck output control
power stage combinations. C3 should either be tied to
INTVCC or ground. Do not float.
RT (Pin 18): Oscillator Frequency Pin. This pin provides
twomodesofsettingtheswitchingfrequency.Connectinga
resistorfromRTtogroundwillsettheswitchingfrequency
based on the resistor value. If RT is tied to INTVCC the
internal 2MHz oscillator will be used. Do not float.
PLL/MODE (Pin 19): Oscillator Synchronization Input and
Mode Select Pin. Driving this pin with an external clock
signal synchronizes the internal oscillator to the applied
clock.TheLVbuckssynchronizetotheoscillatorfrequency
and HV buck synchronizes to 1/6th frequency when in
forced continuous mode. When no external clock is ap-
plied the oscillator frequency is programmed by the RT
pin. When not synchronizing to an external clock this input
determines how the controller and regulators operate at
lightload.FloatingorgroundingthispinselectsBurstMode
operation, and tying this pin to INTVCC forces continuous
inductor current mode operation for all the converters and
the controller. Tying this pin to a voltage greater than 1.2V
and less than INTVCC–1.3V selects pulse-skipping mode
operation for the controller, but Burst Mode operation for
the low voltage converters. This pin has a 100k internal
resistor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com