Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 26Page - Linear Technology LTC3370 Datasheet HTML 27Page - Linear Technology LTC3370 Datasheet HTML 28Page - Linear Technology LTC3370 Datasheet HTML 29Page - Linear Technology LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology LTC3370 Datasheet HTML 32Page - Linear Technology LTC3370 Datasheet HTML 33Page - Linear Technology LTC3370 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC3372
30
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Both the VOUT and SENSE– pins are monitored for over-
voltage conditions. An overvoltage condition is detected
when either pin is 7.5% above the nominal output volt-
age. When this condition is sensed, the top MOSFET is
turned off and the bottom MOSFET is turned on until the
overvoltage condition is cleared. The bottom MOSFET
remains on continuously for as long as the overvoltage
condition persists; if VOUT returns to a safe level, normal
operation automatically resumes.
AshortedtopMOSFETwillresultinahighcurrentcondition
which will open the system fuse. The switching regulator
will regulate properly with a leaky top MOSFET by altering
the duty cycle to accommodate the leakage.
Minimum On-Time Considerations
The minimum on-time, tON(MIN), is the smallest time dura-
tion that the HV controller is capable of turning on the top
MOSFET. It is determined by internal timing delays and the
gate charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time of top FET is typically 60ns. How-
ever, as the peak sense voltage decreases the minimum
on-time gradually increases. This is of particular concern
in forced continuous applications with low ripple current
at light loads. If the duty cycle drops below the minimum
on-time limit in this situation, a significant amount of cycle
skipping can occur with correspondingly larger current
and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
%Efficiency = 100% – (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percent-
age of input power.
Although all dissipative elements in the circuit produce
losses, four main sources usually account for most of
the losses in HV regulator: 1) IC VIN current, 2) INTVCC
regulator current, 3) I2R losses, 4) topside MOSFET
transition losses.
1. The VIN current is the DC supply current given in the
Electrical Characteristics table, which excludes MOS-
FET driver and control currents. VIN current typically
results in a small (<0.1%) loss.
2. INTVCC current is the sum of the MOSFET driver and
control currents. The MOSFET driver current results
from switching the gate capacitance of the power
MOSFETs. Each time a MOSFET gate is switched
from low to high to low again, a packet of charge, dQ,
moves from INTVCC to ground. The resulting dQ/dt is
a current out of INTVCC that is typically much larger
than the control circuit current. In continuous mode,
IGATECHG = f(QT + QB), where QT and QB are the gate
charges of the topside and bottom side MOSFETs.
InapplicationswhenVOUT/EXTVCCissetto5V,INTVCC
is supplied through VOUT/EXTVCC. This scales the VIN
current required for the driver and control circuits by
a factor of (Duty Cycle)/(Efficiency). For example, in a
20V to 5V application, 10mA of INTVCC current results
in approximately 2.5mA of VIN current. This reduces
the midcurrent loss from 10% or more (if the driver
was powered directly from VIN) to only a few percent.
3. I2RlossesarepredictedfromtheDCresistancesofthe
fuse (if used), MOSFET, inductor, current sense resis-
tor and input and output capacitor ESR. In continuous
mode the average output current flows through L and
RSENSE, but is chopped between the topside MOSFET
and the synchronous MOSFET. If the two MOSFETs
have approximately the same RDS(ON), then the re-
sistance of one MOSFET can simply be summed with
the resistances of L, RSENSE and ESR to obtain I2R
High Voltage Buck Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com