Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 34 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 34 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 30Page - Linear Technology LTC3370 Datasheet HTML 31Page - Linear Technology LTC3370 Datasheet HTML 32Page - Linear Technology LTC3370 Datasheet HTML 33Page - Linear Technology LTC3370 Datasheet HTML 34Page - Linear Technology LTC3370 Datasheet HTML 35Page - Linear Technology LTC3370 Datasheet HTML 36Page - Linear Technology LTC3370 Datasheet HTML 37Page - Linear Technology LTC3370 Datasheet HTML 38Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
LTC3372
34
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Table 2. Recommended Inductors for 1A Buck Regulators
fOSC
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
1MHz
XFL4020-472ME
4.7
2.7
57.4
4 × 4 × 2.1
CoilCraft
74408943047
4.7
2.2
52
4.8 × 4.8 × 3.8
Wurth Elektronik
2MHz
XFL4020-222ME
2.2
3.7
23.5
4 × 4 × 2.1
CoilCraft
DFE252012P-2R2M
2.2
2.2
84
2.5 × 2.0 × 1.2
Toko
IHLP1212BZER2R2M-11
2.2
3
46
3 × 3.65 × 2.0
Vishay
3MHz
74438336015
1.5
3.7
39
3 × 3 × 2
Wurth Elektronik
DFE252012F-1R5M
1.5
2.7
58
2.5 × 2 ×1.2
Toko
Table 3. Recommended Inductors for 2A Buck Regulators
fOSC
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
1MHz
XEL4020-222ME
2.2
5.5
38.7
4 × 4 × 2.1
CoilCraft
74438356022
2.2
4.7
35
4.1 × 4.1 × 2.1
Wurth Elektronik
2MHz
XFL4020-102ME
1
5.4
11.9
4 × 4 × 2.1
CoilCraft
IHLP1212BZER1R0M-11
1
4.5
24
3 × 3.65 × 2.0
Vishay
SPM4020T-1R0M-LR
1
5.6
28.1
4.1 × 4.4 × 2
TDK
3MHz
744383360068
0.68
4.5
27
3 × 3 × 2
Wurth Elektronik
IHLP1212AEERR68M-11
0.68
5.4
22
3 × 3.65 × 1.5
Vishay
Table 4. Recommended Inductors for 3A Buck Regulators
fOSC
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
1MHz
XEL4020-152ME
1.5
7.4
23.6
4 × 4 × 2.1
CoilCraft
IHLP2020CZER1R5M11
1.5
7
18.5
5.18 × 5.49 × 3
Vishay
2MHz
XEL4020-821ME
0.82
10.2
13
4 × 4 × 2
CoilCraft
FDV0530-H-R75M
0.75
9.7
7.6
6.2 × 5.8 × 3
Toko
744383560068
0.68
8.2
9
4.1 × 4.1 × 2.1
Wurth Elektronik
3MHz
FDSD0420D-R47M
0.47
6.8
18
4.2 × 4.2 × 2
Toko
IHLP1212AEERR47M-11
0.47
6.7
15
3 × 3.65 × 1.5
Vishay
Table 5. Recommended Inductors for 4A Buck Regulators
fOSC
PART NUMBER
L (µH)
MAX IDC (A)
MAX DCR (mΩ)
SIZE IN mm (L × W × H) MANUFACTURER
1MHz
XEL4020-102ME
1
9
14.6
4 × 4 × 2.1
CoilCraft
744316100
1
11.5
5.225
5.3 × 5.5 × 4.0
Wurth Elektronik
2MHz
XEL4020-561ME
0.56
11.3
8.8
4 × 4 × 2.1
CoilCraft
FDV0530-H-R56M
0.56
11.1
6.3
6.2 × 5.8 × 3
Toko
SPM4020T-R47M-LR
0.47
8.7
11.8
4.1 × 4.4 × 2
TDK
3MHz
XEL4014-331ME
0.33
9
12
4 × 4 × 1.4
CoilCraft
744383560033
0.33
9.6
7.2
4.1 × 4.1 × 2.1
Wurth Elektronik
Low Voltage Buck Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com