Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology LTC3370 Datasheet HTML 10Page - Linear Technology LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LTC3372
10
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step Burst Mode Operation
Load Step Pulse-Skipping Mode
Load Step Forced Continuous
Mode
Inductor Current at Light Load
Soft Start-Up
(HV Controller) TA = 25°C, unless otherwise noted.
Shutdown (RUN) Threshold
vs Temperature
Undervoltage Lockout Threshold
vs Temperature
TRACK/SS Pull-Up Current
vs Temperature
VIN = 5V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
3372 G17
RISING
FALLING
VIN = 12V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
1.100
1.125
1.150
1.175
1.200
1.225
1.250
1.275
1.300
3372 G18
RISING
FALLING
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
3.70
3.75
3.80
3.85
3.90
3.95
4.00
4.05
4.10
4.15
4.20
3372 G19
VIN = 12V
VOUT = 3.3V
ILOAD = 100mA to 8A
100µs/DIV
ILOAD
5A/DIV
IIND
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 G21
VIN = 12V
VOUT = 3.3V
ILOAD = 100mA to 8A
100µs/DIV
ILOAD
5A/DIV
IIND
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 G22
VIN = 12V
VOUT = 3.3V
ILOAD = 200µA
5µs/DIV
FORCED
CONTINUOUS
2A/DIV
PULSE-
SKIPPING
2A/DIV
BURST
2A/DIV
3372 G23
VOUT = 5V
VOUT = 3.3V
2ms/DIV
VIN
5V/DIV
VOUT
2V/DIV
3372 G24
VIN = 12V
VOUT = 3.3V
ILOAD = 100mA to 8A
100µs/DIV
ILOAD
5A/DIV
IIND
5A/DIV
VOUT
AC–COUPLED
100mV/DIV
3372 G20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com