Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 11Page - Linear Technology LTC3370 Datasheet HTML 12Page - Linear Technology LTC3370 Datasheet HTML 13Page - Linear Technology LTC3370 Datasheet HTML 14Page - Linear Technology LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
LTC3372
15
Rev. A
For more information www.analog.com
PIN FUNCTIONS
WDI (Pin 20): Watchdog Timer Input. The WDI pin must
be toggled either low to high or high to low every 1.62
seconds. Failure to toggle WDI results in the WDO pin
being pulled low for 202ms. All times correspond to a
10nF capacitor on the CT pin.
WDO (Pin 21): Watchdog Timer. Open-drain output. WDO
is pulled low for 202ms during a watchdog timeout period.
The WDO pin pulls low if the WDI input does not transition
in less than 1.62 seconds since its last transition or 12.9
seconds after a watchdog timeout period. An UVLO event
resets the watchdog timer and WDO asserts itself low for
the 202ms watchdog timeout period. All times correspond
to a 10nF capacitor on the CT pin.
CT (Pin 22): Timing Capacitor Pin. A capacitor connected
to GND sets a time constant which is scaled for use by
the WDI, WDO, and RST pins. Tying the CT pin to INTVCC
disables the watchdog timer to reduce quiescent current.
EN3 (Pin 23): LV Buck Regulator 3 Enable Input. Active
high. In configurations where LV Regulator 3 is not used,
tie EN3 to ground. Do not float.
FB3 (Pin 24): LV Buck Regulator 3 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
In configurations where LV Regulator 3 is not used, FB3
should be tied to ground.
VINE (Pin 25): LV Power Stage E Input Supply. Bypass to
GND with a 10μF or larger ceramic capacitor.
SWE (Pin 26): LV Power Stage E Switch Node. External
inductor connects to this pin.
SWF (Pin 27): LV Power Stage F Switch Node. External
inductor connects to this pin.
VINF (Pin 28): LV Power Stage F Input Supply. Bypass to
GND with a 10μF or larger ceramic capacitor.
VING (Pin 29): LV Power Stage G Input Supply. Bypass to
GND with a 10μF or larger ceramic capacitor.
SWG (Pin 30): LV Power Stage G Switch Node. External
inductor connects to this pin.
SWH (Pin 31): LV Power Stage H Switch Node. External
inductor connects to this pin.
VINH (Pin 32): LV Power Stage H Input Supply. Bypass to
GND with a 10μF or larger ceramic capacitor.
FB4 (Pin 33): LV Buck Regulator 4 Feedback Pin. Receives
feedbackbyaresistordividerconnectedacrosstheoutput.
EN4 (Pin 34): LV Buck Regulator 4 Enable Input. Active
high. Do not float.
INTVCC (Pin 35): Internal VCC Pin. Output of an internal
linear low-dropout (LDO) regulator powered from VIN.The
HV buck gate drive and control circuits are powered from
this voltage source when VOUT is < 4.7V. When VOUT >
4.7V the bias connects to Vout and the LDO is shutdown.
Must be de-coupled to GND pin with a minimum of 4.7μF
low ESR (ceramic) capacitor.
BG (Pin 36): HV Controller High Current Gate Drive for
Bottom(Synchronous)N-channelMOSFET.Voltageswing
at this pin is from ground to INTVCC.
TG (Pin 37): HV Controller High Current Gate Drive for Top
N-channel MOSFET. This is the output of floating driver
with a voltage swing equal to INTVCC superimposed on
the switch node voltage SW.
SW (Pin 38): HV Controller Switch Node Connection to
Inductor.
BOOST(Pin39):HVControllerBootstrappedSupplytothe
Topside Floating Driver. A capacitor should be connected
between the BOOST and SW pin and a Schottky diode
should be connected between the BOOST and INTVCC
pins. Voltage swing at the BOOST pin is from INTVCC to
(VIN + INTVCC).
RUN (Pin 40): HV Controller Enable Input. Forcing this
pin above 1.2V turns on the HV controller. This pin has a
0.5µA internal pull-up current from ground to around 4V,
and can be forced up to 65V (absolute maximum).
VIN (Pin 41): HV Input Supply Pin. A bypass capacitor
should be tied between this pin and the GND pin.
TRACK/SS (Pin 42): HV Controller External Tracking and
Soft-StartInput.Whenthispinisabove 1.2V,thecontroller
regulates the output voltage VOUT to the programed 5V or
3.3V level. When this pin is below 1.2V, the output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com