Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3370 Datasheet HTML 15Page - Linear Technology LTC3370 Datasheet HTML 16Page - Linear Technology LTC3370 Datasheet HTML 17Page - Linear Technology LTC3370 Datasheet HTML 18Page - Linear Technology LTC3370 Datasheet HTML 19Page - Linear Technology LTC3370 Datasheet HTML 20Page - Linear Technology LTC3370 Datasheet HTML 21Page - Linear Technology LTC3370 Datasheet HTML 22Page - Linear Technology LTC3370 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
LTC3372
19
Rev. A
For more information www.analog.com
Output Overvoltage Protection
Overvoltage comparators guard against transient over-
shoots as well as other more serious conditions that may
overvoltage the output.
When the VOUT/EXTVCC pin voltage rises by more than
7.5%aboveitsregulationsetpoint,thetoppowerMOSFET
gate (TG) is turned off and the bottom power MOSFET gate
(BG)isturnedonuntiltheovervoltageconditioniscleared.
The SENSE– pin functions as the output voltage sense pin
for a secondary +15% overvoltage protection in addition
to the +7.5% overvoltage protection at VOUT/EXTVCC pin.
When voltage at this pin is over 15% higher than the
regulated output voltage set point, the HV controller will
turn TG off and BG on. This provides an additional layer of
protection when point-of-load (POL) regulation is desired.
Power Good Indicator (PGOOD) Pin
The PGOOD pin is connected to the open drain of an
internal N-channel MOSFET. The MOSFET turns on and
pulls the PGOOD pin low when the VOUT/EXTVCC voltage
is outside of the ±7.5% window around the regulated
level. The PGOOD pin is also pulled low when the RUN
pin is low (shut down). When the VOUT/EXTVCC voltage is
within the ±7.5% window, the MOSFET is turned off and
the pin is allowed to be pulled up by an external resistor
to a source no greater than 6V.
Foldback Current Limit
When the output voltage falls to less than 70% of its nominal
level,foldbackcurrentlimitingisactivated.Foldbackprogres-
sively lowers the peak current limit as the output drops in a
sustainedovercurrentorshort-circuitcondition.Foldbackcur-
rent limiting is disabled during the soft-start interval (as long
as the VFB voltage is keeping up with the TRACK/SS voltage).
Light Load Current Operation
The HV buck controller can be enabled to enter one of
the three modes at light load current: (a) high efficiency
Burst Mode, (b) forced continuous conduction mode, or
(c) pulse-skipping mode operations at light load currents.
The LTC3372’s PLL/MODE pin selects the light load
operation modes for both the HV controller and LV
buck regulators. To select Burst Mode operation, tie the
PLL/MODE pin to SGND. To select forced continuous
mode operation, tie the PLL/MODE pin to INTVCC. When
PLL/MODE pin is connected to an external clock, both HV
controller and the LV buck regulators are synchronized to
the external clock in forced continuous mode operation.
To select pulse-skipping mode for the HV controller, tie the
PLL/MODE pin to a DC voltage greater than 1.2V but less
than INTVCC – 3.3V. The LV buck regulators will operate
in Burst Mode operation.
When the controller is enabled for Burst Mode operation, the
minimum peak current in the inductor is set to approximately
25% of the maximum sense voltage even though the voltage
on the ITH pin indicates a lower value. If the average inductor
current is higher than the load current, the error amplifier,
EA, will decrease the voltage on the ITH pin. When the ITH
voltage drops below 0.425V, the internal sleep signal goes
high (enabling sleep mode) and both external MOSFETs are
turned off. The ITH pin is then disconnected from the output
of the EA and parked at 0.450V.
In sleep, much of the internal circuitry is turned off, re-
ducing the quiescent currents that the controllers draws.
The load current is supplied by the output capacitor. As
the output voltage decreases, the EA’s output begins to
rise. When the output voltage drops enough, the ITH pin
is reconnected to the output of the EA, the sleep signal
goes low, and the controller resumes normal operation
by turning on the top external MOSFET on the next cycle
of the internal oscillator.
When the controller is enabled for Burst Mode operation,
the inductor current is not allowed to reverse. The reverse
current comparator, IREV, turns off the bottom external
MOSFET just before the inductor current reaches zero,
preventing it from reversing and going negative. Thus, the
controller operates in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation.
In this mode, the efficiency at light loads is lower than in
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com