Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3370 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3370
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 4 Page - Linear Technology

  LTC3370 Datasheet HTML 1Page - Linear Technology LTC3370 Datasheet HTML 2Page - Linear Technology LTC3370 Datasheet HTML 3Page - Linear Technology LTC3370 Datasheet HTML 4Page - Linear Technology LTC3370 Datasheet HTML 5Page - Linear Technology LTC3370 Datasheet HTML 6Page - Linear Technology LTC3370 Datasheet HTML 7Page - Linear Technology LTC3370 Datasheet HTML 8Page - Linear Technology LTC3370 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
LTC3372
4
Rev. A
For more information www.analog.com
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VIN = 12V, VRUN = 5V, VOUT = VINA-H = 3.3V unless
otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3372EUK#PBF
LTC3372EUK#TRPBF
LTC3372UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3372IUK#PBF
LTC3372IUK#TRPBF
LTC3372UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3372HUK#PBF
LTC3372HUK#TRPBF
LTC3372UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 150°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500 unit reels through designated sales channels with #TRMPBF suffix.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
VIN
VIN Pin Operating Voltage Range
4.5
60
V
IQ (Forced
Continuous/
Pulse-
Skipping
Mode)
No-Load VIN Pin DC Current
No-Load VOUT/EXTVCC Pin + SENSE– Pin
DC Current
PLL/MODE=INTVCC or INTVCC/2
Run = VIN
EN1-4 = GND
VOUTPRG =
INTVCC
(5V VOUT)
7
1450
µA
µA
No-Load VIN Pin DC Current
No-Load VOUT/EXTVCC Pin + SENSE– Pin
DC Current
VOUTPRG =
GND
(3.3V VOUT)
1300
130
µA
µA
IQ (Burst
Mode)
No-Load VIN Pin DC Current
No-Load VOUT/EXTVCC Pin DC Current
HV Controller On Only
HV Controller and One LV Regulator On
Additional IQ, per LV Regulator On
Additional IQ, Watchdog On (Float CT Pin)
Additional IQ, TEMP On (Float TEMP Pin)
No-Load SENSE– Pin DC Current
PLL/MODE = GND
(Burst Mode)
VIN = 12V, VINA-H = VOUT (LV
Regulators Powered from HV
Regulator’s Output), No Load on
VOUT or VOUT1-4.
CT = TEMP = INTVCC (Watchdog
and TEMP Monitor Off, Unless
Otherwise Specified)
VOUTPRG =
INTVCC
(5V VOUT)
l
l
l
4
20
52
+26
+7
+15
0.5
10
46
74
+39
+12
2
µA
µA
µA
µA
µA
µA
µA
No-Load VIN Pin DC Current
HV Controller On Only
HV Controller and LV Regulator On
Additional IQ, Watchdog On (Float CT Pin)
Additional IQ, TEMP On (Float TEMP Pin)
No-Load VOUT/EXTVCC Pin DC Current
HV Controller On Only
HV Controller and One LV Regulator On
Additional IQ, per LV Regulator On
Additional IQ, Watchdog On (Float CT Pin)
Additional IQ, TEMP On (Float TEMP Pin)
VOUTPRG =
GND
(3.3V VOUT)
l
l
22
23
+1
+2
4
29
+23
+6
+13
42
33
+4.2
8.5
39
+33
+8
µA
µA
µA
µA
µA
µA
µA
µA
µA
IQ
(Note 4)
(Burst
Mode)
Total No-Load Input Supply Current
HV Controller On Only
HV Controller and One LV Regulator On
Additional IQ, per LV Regulator On
Additional IQ, Watchdog On (Float CT Pin)
Additional IQ, TEMP On (Float TEMP Pin)
PLL/MODE = GND
VIN = 12V, VINA-H = VOUT (LV
Regulators Powered from HV
Regulator’s Output), No Load on
VOUT or VOUT1-4
CT = TEMP = INTVCC (Watchdog
and TEMP Monitor Off, unless
otherwise specified)
VOUTPRG =
INTVCC
(5V VOUT)
l
15
31
+14
+4
+8
35
45
+20
+6
µA
µA
µA
µA
µA
Total No-Load Input Supply Current
HV Controller On Only
HV Controller and One LV Regulator On
Additional IQ, per LV Regulator On
Additional IQ, Watchdog On (Float CT Pin)
Additional IQ, TEMP On (Float TEMP Pin)
VOUTPRG =
GND
(3.3V VOUT)
l
23
33
+9
+3
+7
46
46
+12
+7
µA
µA
µA
µA
µA
ISD
VIN Pin Current in Shutdown
RUN = EN1-4 = GND
3.5
8
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com